Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR14203 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14203
Description  Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMR14203 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMR14203 Datasheet HTML 3Page - Texas Instruments LMR14203 Datasheet HTML 4Page - Texas Instruments LMR14203 Datasheet HTML 5Page - Texas Instruments LMR14203 Datasheet HTML 6Page - Texas Instruments LMR14203 Datasheet HTML 7Page - Texas Instruments LMR14203 Datasheet HTML 8Page - Texas Instruments LMR14203 Datasheet HTML 9Page - Texas Instruments LMR14203 Datasheet HTML 10Page - Texas Instruments LMR14203 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
L =
(VIN - VOUT)VOUT
VIN x IRIPPLE x fSW
LMR14203
www.ti.com
SNVS732C – OCTOBER 2011 – REVISED APRIL 2013
APPLICATION INFORMATION
Protection
The LMR14203 has dedicated protection circuitry running during normal operation to protect the IC. The thermal
shutdown circuitry turns off the power device when the die temperature reaches excessive levels. The UVLO
comparator protects the power device during supply power startup and shutdown to prevent operation at
voltages less than the minimum input voltage. A gate drive (CB) under-voltage lockout is included to ensure that
there is enough gate drive voltage to drive the MOSFET before the device tries to start switching. The
LMR14203 also features a shutdown mode decreasing the supply current to approximately 16 µA.
Continuous Conduction Mode
The LMR14203 contains a current-mode, PWM buck regulator. A buck regulator steps the input voltage down to
a lower output voltage. In continuous conduction mode (when the inductor current never reaches zero at steady
state), the buck regulator operates in two cycles. The power switch is connected between VIN and SW. In the first
cycle of operation the transistor is closed and the diode is reverse biased. Energy is collected in the inductor and
the load current is supplied by COUT and the rising current through the inductor. During the second cycle the
transistor is open and the diode is forward biased due to the fact that the inductor current cannot instantaneously
change direction. The energy stored in the inductor is transferred to the load and output capacitor. The ratio of
these two cycles determines the output voltage. The output voltage is defined approximately as:
D=VOUT/VIN and D’ = (1-D)
where
D is the duty cycle of the switch.
(1)
D and D' will be required for design calculations.
Design Procedure
This section presents guidelines for selecting external components.
Setting the Output Voltage
The output voltage is set using the feedback pin and a resistor divider connected to the output as shown on the
front page schematic. The feedback pin voltage is 0.765V, so the ratio of the feedback resistors sets the output
voltage according to the following equation:
VOUT=0.765V(1+(R1/R2))
(2)
Typically R2 will be given as 100
Ω-10 kΩ for a starting value. To solve for R1 given R2 and VOUT use
R1=R2((VOUT/0.765V)-1).
Input Capacitor
A low ESR ceramic capacitor (CIN) is needed between the VIN pin and GND pin. This capacitor prevents large
voltage transients from appearing at the input. Use a 2.2 µF-10 µF value with X5R or X7R dielectric. Depending
on construction, a ceramic capacitor’s value can decrease up to 50% of its nominal value when rated voltage is
applied. Consult with the capacitor manufacturer's data sheet for information on capacitor derating over voltage
and temperature.
Inductor Selection
The most critical parameters for the inductor are the inductance, peak current, and the DC resistance. The
inductance is related to the peak-to-peak inductor ripple current, the input and the output voltages.
(3)
A higher value of ripple current reduces inductance, but increases the conductance loss, core loss, and current
stress for the inductor and switch devices. It also requires a bigger output capacitor for the same output voltage
ripple requirement. A reasonable value is setting the ripple current to be 30% of the DC output current. Since the
ripple current increases with the input voltage, the maximum input voltage is always used to determine the
inductance. The DC resistance of the inductor is a key parameter for the efficiency. Lower DC resistance is
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMR14203


Similar Part No. - LMR14203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14203 TI1-LMR14203 Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203 TI-LMR14203 Datasheet
817Kb / 17P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203XMK TI1-LMR14203XMK Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203XMK/NOPB TI-LMR14203XMK/NOPB Datasheet
817Kb / 17P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203XMKE TI1-LMR14203XMKE Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
More results

Similar Description - LMR14203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR12010XMKE-NOPB TI-LMR12010XMKE-NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Input Voltage Range of 3V to 20V, Output Voltage Range of 0.8V to 17V
logo
Maxim Integrated Produc...
MAX25201EVKIT MAXIM-MAX25201EVKIT Datasheet
881Kb / 7P
   4.5V to 42V Input Supply Range
Rev 0; 8/19
logo
Texas Instruments
LM22675 TI-LM22675 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Input Voltage Range: 4.5V to 42V, Internally Compensated Voltage Mode Control
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690 Datasheet
714Kb / 22P
   4.5V to 60V Input Voltage Range
Rev 1; 12/16
logo
Texas Instruments
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
[Old version datasheet]   Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
logo
Rohm
BD9G201EFJ-LB ROHM-BD9G201EFJ-LB_V01 Datasheet
1Mb / 31P
   4.5V to 42V Input Voltage Range 1.5A Output Current Integrated FET 1ch Buck Converter
29.Mar.2022 Rev.002
logo
Kersemi Electronic Co.,...
DB3TG KERSEMI-DB3TG Datasheet
395Kb / 4P
   Breakover voltage range: 30 to 34V
logo
Maxim Integrated Produc...
MAX17503 MAXIM-MAX17503 Datasheet
3Mb / 19P
   Wide 4.5V to 60V Input Voltage Range
Rev 1; 4/14
logo
Guangdong Youtai Semico...
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
Rohm
BD9G401EFJ-M ROHM-BD9G401EFJ-M_V01 Datasheet
1Mb / 31P
   4.5V to 42V Input Voltage Range 3.5A Output Current Integrated FET 1ch Buck Converter
29.Mar.2022 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com