Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR14203 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMR14203
Description  Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMR14203 Datasheet(HTML) 1 Page - Texas Instruments

  LMR14203 Datasheet HTML 1Page - Texas Instruments LMR14203 Datasheet HTML 2Page - Texas Instruments LMR14203 Datasheet HTML 3Page - Texas Instruments LMR14203 Datasheet HTML 4Page - Texas Instruments LMR14203 Datasheet HTML 5Page - Texas Instruments LMR14203 Datasheet HTML 6Page - Texas Instruments LMR14203 Datasheet HTML 7Page - Texas Instruments LMR14203 Datasheet HTML 8Page - Texas Instruments LMR14203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
10
20
30
40
50
60
70
80
90
100
LOAD CURRENT (A)
1.2Vout
3.3Vout
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
10
20
30
40
50
60
70
80
90
100
LOAD CURRENT (A)
1.2Vout
3.3Vout
LMR14203
www.ti.com
SNVS732C – OCTOBER 2011 – REVISED APRIL 2013
LMR14203 SIMPLE SWITCHER® 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
Check for Samples: LMR14203
1
FEATURES
DESCRIPTION
The LMR14203 is a PWM DC/DC buck (step-down)
2
Input Voltage Range of 4.5V to 42V
regulator. With a wide input range from 4.5V-42V, it is
Output Voltage Range of 0.765V to 34V
suitable for a wide range of applications such as
Output Current up to 0.3A
power conditioning from unregulated sources. They
feature a low RDSON (0.9Ω typical) internal switch for
1.25 MHz Switching Frequency
maximum
efficiency
(85%
typical).
Operating
Low Shutdown Iq, 16 µA Typical
frequency is fixed at 1.25 MHz allowing the use of
Short Circuit Protected
small external components while still being able to
have low output voltage ripple. Soft-start can be
Internally Compensated
implemented using the shutdown pin with an external
Soft-Start Function
RC circuit allowing the user to tailor the soft-start time
Thin SOT-23-6 Package (2.97 x 1.65 x 1mm)
to a specific application.
Fully Enabled for WEBENCH® Power Designer
The LMR14203 is optimized for up to 300 mA load
current.
PERFORMANCE BENEFITS
Additional features include: thermal shutdown, VIN
Tight Accuracy for Powering Digital ICs
under-voltage lockout, and gate drive under-voltage
Extremely Easy to Use
lockout. The LMR14203 is available in a low profile
SOT-6L package.
Tiny Overall Solution Reduces System Cost
APPLICATIONS
Point-of-Load Conversions from 5V, 12V, and
24V Rails
Space Constrained Applications
Battery Powered Equipment
Industrial Distributed Power Applications
Power Meters
Portable Hand-Held Instruments
System Performance
Efficiency vs Load Current
Efficiency vs Load Current
VIN = 12V, VOUT = 1.2V and 3.3V
VIN = 24V, VOUT = 1.2V and 3.3V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMR14203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14203 TI1-LMR14203 Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203 TI-LMR14203 Datasheet
817Kb / 17P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203XMK TI1-LMR14203XMK Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203XMK/NOPB TI-LMR14203XMK/NOPB Datasheet
817Kb / 17P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203XMKE TI1-LMR14203XMKE Datasheet
272Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
More results

Similar Description - LMR14203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR12010XMKE-NOPB TI-LMR12010XMKE-NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Input Voltage Range of 3V to 20V, Output Voltage Range of 0.8V to 17V
logo
Maxim Integrated Produc...
MAX25201EVKIT MAXIM-MAX25201EVKIT Datasheet
881Kb / 7P
   4.5V to 42V Input Supply Range
Rev 0; 8/19
logo
Texas Instruments
LM22675 TI-LM22675 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Input Voltage Range: 4.5V to 42V, Internally Compensated Voltage Mode Control
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690 Datasheet
714Kb / 22P
   4.5V to 60V Input Voltage Range
Rev 1; 12/16
logo
Texas Instruments
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
[Old version datasheet]   Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
logo
Rohm
BD9G201EFJ-LB ROHM-BD9G201EFJ-LB_V01 Datasheet
1Mb / 31P
   4.5V to 42V Input Voltage Range 1.5A Output Current Integrated FET 1ch Buck Converter
29.Mar.2022 Rev.002
logo
Kersemi Electronic Co.,...
DB3TG KERSEMI-DB3TG Datasheet
395Kb / 4P
   Breakover voltage range: 30 to 34V
logo
Maxim Integrated Produc...
MAX17503 MAXIM-MAX17503 Datasheet
3Mb / 19P
   Wide 4.5V to 60V Input Voltage Range
Rev 1; 4/14
logo
Guangdong Youtai Semico...
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
Rohm
BD9G401EFJ-M ROHM-BD9G401EFJ-M_V01 Datasheet
1Mb / 31P
   4.5V to 42V Input Voltage Range 3.5A Output Current Integrated FET 1ch Buck Converter
29.Mar.2022 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com