Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4001CDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4001CDR
Description  270-MHz HIGH-SPEED AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4001CDR Datasheet(HTML) 3 Page - Texas Instruments

  THS4001CDR Datasheet HTML 1Page - Texas Instruments THS4001CDR Datasheet HTML 2Page - Texas Instruments THS4001CDR Datasheet HTML 3Page - Texas Instruments THS4001CDR Datasheet HTML 4Page - Texas Instruments THS4001CDR Datasheet HTML 5Page - Texas Instruments THS4001CDR Datasheet HTML 6Page - Texas Instruments THS4001CDR Datasheet HTML 7Page - Texas Instruments THS4001CDR Datasheet HTML 8Page - Texas Instruments THS4001CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
THS4001
270-MHz HIGH-SPEED AMPLIFIER
SLOS206A– DECEMBER 1997 – REVISED MARCH 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
TYP
MAX
UNIT
Supply voltage VCC
Dual supply
±2.5
±16
V
Supply voltage, VCC
Single supply
5
32
V
Quiescent current ICC
±15 V
7.8
9.5
mA
Quiescent current, ICC
±5 V, ±2.5 V
6.7
8
mA
Operating free air temperature TA
C suffix
0
70
°C
Operating free-air temperature, TA
I suffix
– 40
85
°C
electrical characteristics, VCC = ±15 V, RL = 150 Ω, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Differential gain error
±15 V
0.04%
Differential gain error
Gain = 2,
RL = 150 Ω,
±5 V
0.01%
Differential phase error
,
f = 3.58 MHz
L
,
±15 V
0.15
°
Differential phase error
±5 V
0.08
°
VIO
Input offset voltage
TA = 25°C
±15 V,
2
8
mV
VIO
Input offset voltage
TA = full range
,
±5 V
10
mV
IIB
Input bias current
TA = 25°C
±15 V,
2.6
5
µA
IIB
In ut bias current
TA = full range
±5 V
6
µA
IOS
Input offset current
TA = 25°C
±15 V,
35
200
nA
IOS
In ut offset current
TA = full range
±5 V
500
nA
VO = ±10 V,
TA = 25°C
±15 V
5
10
Open loop gain
RL = 1 kΩ
TA = full range
±15 V
3
V/mV
Open-loop gain
VO = ± 2.5 V,
TA = 25°C
±5V
3
6
V/mV
RL = 500 Ω
TA = full range
±5 V
2
CMRR
Common mode rejection ratio
V(CM) = ± 12 V
TA = 25°C
±15 V
85
100
dB
CMRR
Common-mode rejection ratio
V(CM) = ± 12 V
TA = full range
±15 V
75
dB
PSRR
Power supply rejection ratio
TA = 25°C
±15 V,
75
85
dB
PSRR
Power supply rejection ratio
TA = full range
±5 V
70
dB
VICR
Common mode input voltage range
±15 V
13.5
to
–13
14.8
to
–14
V
VICR
Common-mode input voltage range
±5 V
3.6
to
– 2.7
4.4
to
– 3.6
V
±15 V
±13
±13.5
VO
Output voltage swing
RL = 500 Ω
±5 V
±3.3
±3.8
V
±2.5 V
±0.8
±1.3
±15 V
50
100
IO
Output current
Gain =+ 2,
RL = 20 Ω
±5 V
50
100
mA
±2.5 V
50
100
THD
Total harmonic distortion
VI = 1 V(PP),
f = 1 MHz
±15 V
– 72
dBc
RI
Input resistance
10
M
CI
Input capacitance
1.5
pF
RO
Output resistance
Open loop
10


Similar Part No. - THS4001CDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4001CDR NSC-THS4001CDR Datasheet
883Kb / 21P
   THS4001
THS4001CDRG4 NSC-THS4001CDRG4 Datasheet
883Kb / 21P
   THS4001
More results

Similar Description - THS4001CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4001 TI-THS4001 Datasheet
239Kb / 16P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
logo
Analog Devices
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
   270 MHz, 400A Current Feedback Amplifier
REV. B
AD8005 AD-AD8005 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005ARZ AD-AD8005ARZ Datasheet
187Kb / 12P
   270 MHz, 400 關A Current Feedback Amplifier
REV. A
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Elantec Semiconductor
EL2424 ELANTEC-EL2424 Datasheet
692Kb / 9P
   Quad 60 MHz High Speed Operational Amplifier
EL2223 ELANTEC-EL2223 Datasheet
750Kb / 10P
   Dual, 500 MHz High Speed, Operational Amplifier
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
logo
Elantec Semiconductor
EL2223D ELANTEC-EL2223D Datasheet
319Kb / 1P
   Dual, 500 MHz High Speed, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com