Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4001CDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4001CDR
Description  270-MHz HIGH-SPEED AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4001CDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4001CDR Datasheet HTML 2Page - Texas Instruments THS4001CDR Datasheet HTML 3Page - Texas Instruments THS4001CDR Datasheet HTML 4Page - Texas Instruments THS4001CDR Datasheet HTML 5Page - Texas Instruments THS4001CDR Datasheet HTML 6Page - Texas Instruments THS4001CDR Datasheet HTML 7Page - Texas Instruments THS4001CDR Datasheet HTML 8Page - Texas Instruments THS4001CDR Datasheet HTML 9Page - Texas Instruments THS4001CDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
THS4001
270-MHz HIGH-SPEED AMPLIFIER
SLOS206A– DECEMBER 1997 – REVISED MARCH 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
0.036
0.012
–0.012
–0.036
0.1
0.2
0.3
0.5
0.6
DC Voltage – V
0.4
0.048
0.024
0
–0.024
0.7
–0.02
°
–0.06
°
0
°
0.02
°
0.04
°
–0.04
°
0.1
°
0.06
°
0.08
°
Gain
Phase
DIFFERENTIAL GAIN AND
DIFFERENTIAL PHASE
vs
DC VOLTAGE
VCC = ±5
–0.048
Figure 4
0
0.036
0.012
–0.012
–0.036
0.1
0.2
0.3
0.5
0.6
DC Voltage – V
0.4
0.024
0
–0.024
0.7
–0.02
°
–0.06
°
0
°
0.02
°
0.04
°
–0.04
°
0.1
°
0.06
°
0.08
°
DIFFERENTIAL GAIN AND
DIFFERENTIAL PHASE
vs
DC VOLTAGE
Gain
Phase
VCC = ±15
–0.048
–0.06
0.12
°
0.048
Figure 5


Similar Part No. - THS4001CDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4001CDR NSC-THS4001CDR Datasheet
883Kb / 21P
   THS4001
THS4001CDRG4 NSC-THS4001CDRG4 Datasheet
883Kb / 21P
   THS4001
More results

Similar Description - THS4001CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4001 TI-THS4001 Datasheet
239Kb / 16P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
logo
Analog Devices
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
   270 MHz, 400A Current Feedback Amplifier
REV. B
AD8005 AD-AD8005 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005ARZ AD-AD8005ARZ Datasheet
187Kb / 12P
   270 MHz, 400 關A Current Feedback Amplifier
REV. A
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Elantec Semiconductor
EL2424 ELANTEC-EL2424 Datasheet
692Kb / 9P
   Quad 60 MHz High Speed Operational Amplifier
EL2223 ELANTEC-EL2223 Datasheet
750Kb / 10P
   Dual, 500 MHz High Speed, Operational Amplifier
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
logo
Elantec Semiconductor
EL2223D ELANTEC-EL2223D Datasheet
319Kb / 1P
   Dual, 500 MHz High Speed, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com