Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24C5T100BG Datasheet(PDF) 7 Page - Vicor Corporation

Part # V24C5T100BG
Description  DC-DC Converter Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24C5T100BG Datasheet(HTML) 7 Page - Vicor Corporation

Back Button V24C5T100BG Datasheet HTML 3Page - Vicor Corporation V24C5T100BG Datasheet HTML 4Page - Vicor Corporation V24C5T100BG Datasheet HTML 5Page - Vicor Corporation V24C5T100BG Datasheet HTML 6Page - Vicor Corporation V24C5T100BG Datasheet HTML 7Page - Vicor Corporation V24C5T100BG Datasheet HTML 8Page - Vicor Corporation V24C5T100BG Datasheet HTML 9Page - Vicor Corporation V24C5T100BG Datasheet HTML 10Page - Vicor Corporation V24C5T100BG Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
24V Input
24V Micro Family
Rev 5.3
vicorpower.com
Page 7 of 14
4/2013
800 735.6200
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
88.0
89.0
%
Nominal input; full load; 25 °C
Ripple and noise
85
107
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
31.5
32.7
33.9
Volts
25 °C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
3.3
5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
3.57
Amps
Current limit
3.64
4.12
5
Amps
Output voltage 95% of nominal
Short circuit current
0.5
4.12
5
Amps
Output voltage < 250 mV
28Vout,100W(e.g.V24C28C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87.5
89.0
%
Nominal input; full load; 25 °C
Ripple and noise
80
100
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
31.5
32.7
33.9
Volts
25 °C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
1.8
2.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
1.78
Amps
Current limit
1.82
2.06
2.42
Amps
Output voltage 95% of nominal
Short circuit current
1.25
2.06
2.42
Amps
Output voltage < 250mV
28Vout,50W(e.g.V24C28C50BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86.0
87.1
%
Nominal input; full load; 25 °C
Ripple and noise
32
40
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
40.4
41.9
43.4
Volts
25 °C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
3.7
4.3
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
2.78
Amps
Current limit
2.83
3.2
3.76
Amps
Output voltage 95% of nominal
Short circuit current
1.94
3.2
3.76
Amps
Output voltage <250 mV
36Vout,100W(e.g.V24C36C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
84.0
84.9
%
Nominal input; full load; 25 °C
Ripple and noise
27
34
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
40.4
41.9
43.4
Volts
25 °C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
1.8
2.3
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
1.39
Amps
Current limit
1.41
1.6
1.88
Amps
Output voltage 95% of nominal
Short circuit current
0.97
1.6
1.88
Amps
Output voltage <250 mV
36Vout,50W(e.g.V24C36C50BL)
MODULESPECIFICOPERATINGSPECIFICATIONS(CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
88.0
89.0
%
Nominal input; full load; 25 °C
Ripple and noise
100
150
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
31.6
32.7
33.8
Volts
25 °C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
4.2
6.2
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
5.4
Amps
Current limit
5.5
6.2
7.2
Amps
Output voltage 95% of nominal
Short circuit current
3.8
6.2
7.2
Amps
Output voltage < 250 mV
28Vout,150W(e.g.V24C28C150BL)


Similar Part No. - V24C5T100BG

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5T100A VICOR-V24C5T100A Datasheet
526Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
More results

Similar Description - V24C5T100BG

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com