Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV112 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV112
Description  Small Signal Bandwidth 40 MHz, Supply Voltage Range 2.4V to 5V
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV112 Datasheet(HTML) 3 Page - Texas Instruments

  LMV112 Datasheet HTML 1Page - Texas Instruments LMV112 Datasheet HTML 2Page - Texas Instruments LMV112 Datasheet HTML 3Page - Texas Instruments LMV112 Datasheet HTML 4Page - Texas Instruments LMV112 Datasheet HTML 5Page - Texas Instruments LMV112 Datasheet HTML 6Page - Texas Instruments LMV112 Datasheet HTML 7Page - Texas Instruments LMV112 Datasheet HTML 8Page - Texas Instruments LMV112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LMV112
www.ti.com
SNAS297B – MAY 2005 – REVISED MAY 2013
2.7V ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits are specified for TJ = 25°C, VDD = 2.7V, VSS = 0V, VCM = 1V, Enable1,2 = VDD, CL = 20 pF,
RL = 30 kΩ, CCOUPLING = 1 nF. Boldface limits apply at temperature range extremes of operating condition. See
(1).
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
Frequency Domain Response
SSBW
Small Signal Bandwidth
VIN = 0.63 VPP; −3 dB
40
MHz
FPBW
Full Power Bandwidth
VIN = 1.6 VPP; −3 dB
28
MHz
GFN
Gain Flatness < 0.1 dB
f > 100 kHz
3.4
MHz
Distortion and Noise Performance
en
Input-Referred Voltage Noise
f = 1 MHz
26
nV/
√Hz
ISOLATION
Output to Input
f = 1 MHz
91
dB
CT
Crosstalk Rejection
f = 26 MHz, PIN = 0 dBm
54
dB
Time Domain Response
tr
Rise Time
0.1 VPP Step (10-90%), f = 1 MHz
7
ns
tf
Fall Time
6
ns
ts
Settling Time to 0.1%
1 VPP Step, f = 1 MHz
118
ns
OS
Overshoot
0.1 VPP Step, f = 1 MHz
41
%
SR
Slew Rate (4)
VIN = 1.6 VPP, f = 26 MHz
110
V/µs
Static DC Performance
IS
Supply Current
Enable1,2 = VDD ; No Load
2.0
1.6
mA
2.1
Enable1,2 = VSS ; No Load
72
59
μA
78
PSRR
Power Supply Rejection Ratio
DC (3.0V to 5.0V)
58
68
dB
57
ACL
Small Signal Voltage Gain
VOUT = 0.1 VPP
0.97
1.05
1.01
V/V
0.95
1.07
VOS
Output Offset Voltage
16
0.4
mV
17
TC VOS
Temperature Coefficient Output Offset
4
µV/°C
Voltage (5)
ROUT
Output Resistance
f = 100 kHz
0.5
f = 26 MHz
140
Miscellaneous Performance
RIN
Input Resistance per Buffer
Enable = VDD
141
k
Enable = VSS
141
CIN
Input Capacitance per Buffer
Enable = VDD
2.3
pF
Enable = VSS
2.3
ZIN
Input Impedance
f = 26 MHz, Enable = VDD
10.4
k
f = 26 MHz, Enable = VSS
10.9
VO
Output Swing Positive
VIN = VDD
2.65
2.69
V
2.63
Output Swing Negative
VIN = VSS
50
10
mV
65
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA .
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical Values represent the most likely parametric norm.
(4)
Slew rate is the average of the positive and negative slew rate.
(5)
Average Temperature Coefficient is determined by dividing the changing in a parameter at temperature extremes by the total
temperature change.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV112


Similar Part No. - LMV112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV112 NSC-LMV112 Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
logo
Texas Instruments
LMV112 TI1-LMV112 Datasheet
1Mb / 19P
[Old version datasheet]   40 MHz Dual Clock Buffer
logo
National Semiconductor ...
LMV112SD NSC-LMV112SD Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
logo
Texas Instruments
LMV112SD TI1-LMV112SD Datasheet
1Mb / 19P
[Old version datasheet]   40 MHz Dual Clock Buffer
LMV112SD/NOPB TI1-LMV112SD/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   40 MHz Dual Clock Buffer
More results

Similar Description - LMV112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL8333 ETC2-PL8333 Datasheet
655Kb / 2P
   Wide supply voltage range: 2.4V to 5V
logo
Rectron Semiconductor
SD101CW RECTRON-SD101CW Datasheet
140Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
SD103AW RECTRON-SD103AW Datasheet
137Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
logo
Texas Instruments
LMH6882 TI1-LMH6882 Datasheet
1Mb / 38P
[Old version datasheet]   Small Signal Bandwidth: 2400 MHz
LMH6881 TI1-LMH6881 Datasheet
1Mb / 35P
[Old version datasheet]   Small Signal Bandwidth: 2400 MHz
logo
ams AG
AS1313 AMSCO-AS1313 Datasheet
568Kb / 26P
   Wide input voltage range (2.4V to 5.5V)
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
   Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
KR Electronics, Inc.
2847-S KR-2847-S Datasheet
49Kb / 2P
   40 MHz Bandwidth
logo
Chenmko Enterprise Co. ...
BZX79C2V7PT CHENMKO-BZX79C2V7PT Datasheet
125Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V
1N5221PT CHENMKO-1N5221PT Datasheet
132Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 200V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com