Electronic Components Datasheet Search |
|
OPA627BP Datasheet(PDF) 10 Page - Texas Instruments |
|
|
OPA627BP Datasheet(HTML) 10 Page - Texas Instruments |
10 / 23 page 10 ® OPA627, 637 takes approximately 500ns. When the output is driven into the positive limit, recovery takes approximately 6 µs. Output recovery of the OPA627 can be improved using the output clamp circuit shown in Figure 5. Diodes at the inverting input prevent degradation of input bias current. INPUT BIAS CURRENT Difet fabrication of the OPA627/637 provides very low input bias current. Since the gate current of a FET doubles approximately every 10 °C, to achieve lowest input bias current, the die temperature should be kept as low as pos- sible. The high speed and therefore higher quiescent current of the OPA627/637 can lead to higher chip temperature. A simple press-on heat sink such as the Burr-Brown model 807HS (TO-99 metal package) can reduce chip temperature by approximately 15 °C, lowering the I B to one-third its warmed-up value. The 807HS heat sink can also reduce low- frequency voltage noise caused by air currents and thermo- electric effects. See the data sheet on the 807HS for details. Temperature rise in the plastic DIP and SOIC packages can be minimized by soldering the device to the circuit board. Wide copper traces will also help dissipate heat. The OPA627/637 may also be operated at reduced power supply voltage to minimize power dissipation and tempera- ture rise. Using ±5V power supplies reduces power dissipa- tion to one-third of that at ±15V. This reduces the I B of TO- 99 metal package devices to approximately one-fourth the value at ±15V. Leakage currents between printed circuit board traces can easily exceed the input bias current of the OPA627/637. A circuit board “guard” pattern (Figure 4) reduces leakage effects. By surrounding critical high impedance input cir- cuitry with a low impedance circuit connection at the same potential, leakage current will flow harmlessly to the low- impedance node. The case (TO-99 metal package only) is internally connected to –V S . Input bias current may also be degraded by improper han- dling or cleaning. Contamination from handling parts and circuit boards may be removed with cleaning solvents and deionized water. Each rinsing operation should be followed by a 30-minute bake at 85 °C. Many FET-input op amps exhibit large changes in input bias current with changes in input voltage. Input stage cascode circuitry makes the input bias current of the OPA627/637 virtually constant with wide common-mode voltage changes. This is ideal for accurate high input- impedance buffer applications. PHASE-REVERSAL PROTECTION The OPA627/637 has internal phase-reversal protection. Many FET-input op amps exhibit a phase reversal when the input is driven beyond its linear common-mode range. This is most often encountered in non-inverting circuits when the input is driven below –12V, causing the output to reverse into the positive rail. The input circuitry of the OPA627/637 does not induce phase reversal with excessive common- mode voltage, so the output limits into the appropriate rail. OUTPUT OVERLOAD When the inputs to the OPA627/637 are overdriven, the output voltage of the OPA627/637 smoothly limits at ap- proximately 2.5V from the positive and negative power supplies. If driven to the negative swing limit, recovery +V S 5k Ω (2) HP 5082-2811 1k Ω 5k Ω –V S V O Diode Bridge BB: PWS740-3 ZD : 10V IN961 1 Clamps output at V O = ±11.5V R I V I – + R F ZD 1 OPA627 FIGURE 5. Clamp Circuit for Improved Overload Recovery. CAPACITIVE LOADS As with any high-speed op amp, best dynamic performance can be achieved by minimizing the capacitive load. Since a load capacitance presents a decreasing impedance at higher frequency, a load capacitance which is easily driven by a slow op amp can cause a high-speed op amp to perform poorly. See the typical curves showing settling times as a function of capacitive load. The lower bandwidth of the OPA627 makes it the better choice for driving large capaci- tive loads. Figure 6 shows a circuit for driving very large load capacitance. This circuit’s two-pole response can also be used to sharply limit system bandwidth. This is often useful in reducing the noise of systems which do not require the full bandwidth of the OPA627. FIGURE 6. Driving Large Capacitive Loads. R 1 – + R F 1k Ω OPA627 C F G = +1 BW 1MHz 200pF For Approximate Butterworth Response: C F = 2 R O CL R F R F >> RO G = 1+ R F R 1 ≥ Optional Gain Gain > 1 f –3dB = 1 2 π √ R F RO CF CL C L 5nF R O 20 Ω |
Similar Part No. - OPA627BP |
|
Similar Description - OPA627BP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |