Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA627BPG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA627BPG4
Description  Precision High-Speed DifetOPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA627BPG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA627BPG4 Datasheet HTML 5Page - Texas Instruments OPA627BPG4 Datasheet HTML 6Page - Texas Instruments OPA627BPG4 Datasheet HTML 7Page - Texas Instruments OPA627BPG4 Datasheet HTML 8Page - Texas Instruments OPA627BPG4 Datasheet HTML 9Page - Texas Instruments OPA627BPG4 Datasheet HTML 10Page - Texas Instruments OPA627BPG4 Datasheet HTML 11Page - Texas Instruments OPA627BPG4 Datasheet HTML 12Page - Texas Instruments OPA627BPG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
®
OPA627, 637
+
C
2
C
1
R
2
R
1
OPA637
C
1 = CIN + CSTRAY
C
2 =
R
1 C1
R
2
OFFSET VOLTAGE ADJUSTMENT
The OPA627/637 is laser-trimmed for low offset voltage
and drift, so many circuits will not require external adjust-
ment. Figure 3 shows the optional connection of an external
potentiometer to adjust offset voltage. This adjustment should
not be used to compensate for offsets created elsewhere in a
system (such as in later amplification stages or in an A/D
converter) because this could introduce excessive tempera-
ture drift. Generally, the offset drift will change by approxi-
mately 4
µV/°C for 1mV of change in the offset voltage due
to an offset adjustment (as shown on Figure 3).
FIGURE 2. Circuits with Noise Gain Equal to or Greater than
Five May Use the OPA637.
amp contributes little additional noise. Below 1k
Ω, op amp
noise dominates over the resistor noise, but compares
favorably with precision bipolar op amps.
CIRCUIT LAYOUT
As with any high speed, wide bandwidth circuit, careful
layout will ensure best performance. Make short, direct
interconnections and avoid stray wiring capacitance—espe-
cially at the input pins and feedback circuitry.
The case (TO-99 metal package only) is internally connected
to the negative power supply as it is with most common op
amps. Pin 8 of the plastic DIP, SOIC, and TO-99 packages
has no internal connection.
Power supply connections should be bypassed with good
high frequency capacitors positioned close to the op amp
pins. In most cases 0.1
µF ceramic capacitors are adequate.
The OPA627/637 is capable of high output current (in
excess of 45mA). Applications with low impedance loads or
capacitive loads with fast transient signals demand large
currents from the power supplies. Larger bypass capacitors
such as 1
µF solid tantalum capacitors may improve dynamic
performance in these applications.
NOISE PERFORMANCE
Some bipolar op amps may provide lower voltage noise
performance, but both voltage noise and bias current noise
contribute to the total noise of a system. The OPA627/637
is unique in providing very low voltage noise and very low
current noise. This provides optimum noise performance
over a wide range of sources, including reactive source
impedances. This can be seen in the performance curve
showing the noise of a source resistor combined with the
noise of an OPA627. Above a 2k
Ω source resistance, the op
FIGURE 4. Connection of Input Guard for Lowest IB.
Board Layout for Input Guarding:
Guard top and bottom of board.
Alternate—use Teflon® standoff for sen-
sitive input pins.
Teflon® E.I. du Pont de Nemours & Co.
+
2
3
In
Non-inverting
6
OPA627
Out
+
2
3
In
Inverting
6
OPA627
Out
+
2
3
In
Buffer
6
OPA627
Out
3
2
4
5
6
7
8
No Internal Connection
1
TO-99 Bottom View
To Guard Drive
+
2
3
7
1
5
6
+V
S
–V
S
OPA627/637
100k
10k
Ω to 1MΩ
Potentiometer
(100k
Ω preferred)
±10mV Typical
Trim Range
4
FIGURE 3. Optional Offset Voltage Trim Circuit.


Similar Part No. - OPA627BPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627BPG4 TI-OPA627BPG4 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA627BPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com