Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2711IDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2711IDBVR
Description  MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2711IDBVR Datasheet(HTML) 1 Page - Texas Instruments

  TLV2711IDBVR Datasheet HTML 1Page - Texas Instruments TLV2711IDBVR Datasheet HTML 2Page - Texas Instruments TLV2711IDBVR Datasheet HTML 3Page - Texas Instruments TLV2711IDBVR Datasheet HTML 4Page - Texas Instruments TLV2711IDBVR Datasheet HTML 5Page - Texas Instruments TLV2711IDBVR Datasheet HTML 6Page - Texas Instruments TLV2711IDBVR Datasheet HTML 7Page - Texas Instruments TLV2711IDBVR Datasheet HTML 8Page - Texas Instruments TLV2711IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TLV2711, TLV2711Y
Advanced LinCMOS
 RAIL-TO-RAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
SLOS196A – AUGUST 1997 – REVISED MARCH 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Output Swing Includes Both Supply Rails
D Low Noise . . . 21 nV/√Hz Typ at f = 1 kHz
D Low Input Bias Current ...1 pA Typ
D Very Low Power ...11 µA Per Channel Typ
D Common-Mode Input Voltage Range
Includes Negative Rail
D Wide Supply Voltage Range
2.7 V to 10 V
D Available in the SOT-23 Package
D Macromodel Included
description
The TLV2711 is a single low-voltage operational
amplifier available in the SOT-23 package. It
consumes only 11
µA (typ) of supply current and
is ideal for battery-power applications. Looking at
Figure 1, the TLV2711 has a 3-V noise level of
21 nV/
√Hz at 1 kHz; five times lower than
competitive SOT-23 micropower solutions. The
device exhibits rail-to-rail output performance for
increased dynamic range in single- or split-supply
applications. The TLV2711 is fully characterized
at 3 V and 5 V and is optimized for low-voltage
applications.
The TLV2711, exhibiting high input impedance
and low noise, is excellent for small-signal
conditioning for high-impedance sources, such as
piezoelectric transducers. Because of the micro-
power dissipation levels combined with 3-V
operation, these devices work well in hand-held
monitoring and remote-sensing applications. In
addition, the rail-to-rail output feature with single
or split supplies makes this family a great choice
when interfacing with analog-to-digital converters
(ADCs).
With a total area of 5.6mm2, the SOT-23 package only requires one-third the board space of the standard 8-pin
SOIC package. This ultra-small package allows designers to place single amplifiers very close to the signal
source, minimizing noise pick-up from long PCB traces.
AVAILABLE OPTIONS
TA
VIOmax AT 25°C
PACKAGED DEVICES
SYMBOL
CHIP FORM‡
TA
VIOmax AT 25°C
SOT-23 (DBV)†
SYMBOL
CHIP FORM
(Y)
0
°C to 70°C
3 mV
TLV2711CDBV
VAJC
TLV2711Y
–40
°C to 85°C
3 mV
TLV2711IDBV
VAJI
TLV2711Y
† The DBV package available in tape and reel only.
‡ Chip forms are tested at TA = 25°C only.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DBV PACKAGE
(TOP VIEW)
5
4
3
1
2
IN +
VDD+
OUT
VDD–/GND
IN–
f – Frequency – Hz
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
40
30
20
0
60
50
10
VDD = 3 V
RS = 20 Ω
TA = 25°C
70
80
101
102
103
104
Figure 1. Equivalent Input Noise Voltage
Versus Frequency
† For all curves where VDD = 5 V, all loads are referenced to 2.5 V.
For all curves where VDD = 3 V, all loads are referenced to 1.5 V.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Advanced LinCMOS is a trademark of Texas Instruments.


Similar Part No. - TLV2711IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2711IDBV TI-TLV2711IDBV Datasheet
551Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2711IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2211IDBVRG4 TI1-TLV2211IDBVRG4 Datasheet
713Kb / 31P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA241 TI1-OPA241 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com