Electronic Components Datasheet Search |
|
VI-220-IW Datasheet(PDF) 1 Page - Vicor Corporation |
|
VI-220-IW Datasheet(HTML) 1 Page - Vicor Corporation |
1 / 5 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 VI-200 DC-DC Converters 50 to 200 Watts Rev. 3.3 Page 1 of 5 Set your site on VICOR at vicorpower.com Features • RoHS compliant (VE-200) • Up to 50 W/in3 • cULus, cTÜVus • Up to 90% efficiency • Size: 4.6" x 2.4" x 0.5" (116,8 x 61,0 x 12,7mm) • Remote sense and current limit • OVP, thermal shutdown • Logic disable • Wide range output adjust • Compatible power booster modules • ZCS power architecture • Low noise FM control • CE Marked • Isolated output Data Sheet VI-200, VE-200 DC-DC Converters 50 to 200 Watts Product Highlights The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching” component-level DC-DC converters. Operating at frequencies up to 2 MHz, VI-200 family converters offer exceptional power density, efficiency, noise performance, reliability and ease of use. Booster modules (VI-Bxx) provide a simple, cost-effective, off-the-shelf solution for higher power output requirements. One or more boosters may be used to create synchronous arrays capable of supplying several kilowatts of output power. The flexibility of Vicor’s power components is also available in half-size, half-power VI-J00 MiniMods. Low Line 75% Vin 2 3.3 5 5.2 5.5 5.8 6.5 7.5 10 12 13.8 15 18.5 24 28 36 40 48 52 72 85 95 Voltage Max Power Transient[b] Designators ZY 0 X W V T R M 1 P 2 N3 L J K 4 H F D B Nom. (Range) 12 (10-20) n/a 22 0 X X X X XX X X X XXX XXXXX X XXXX 24 (10-36) n/a n/a V -- X Y YYY Y X X XXX XXXXX X -------- 24 (21-32) 18 36 1 U U U UUU V V U UUU UUUUU U UUUU 24 (18-36) n/a n/a W V V V VVV W W V VVV VVVVV V VVVV 36 (21-56) 18 60 2 W V W WWW W W W WWW WWWWW W W -- -- -- 48 (42-60) 36 72 3 U U U UUU U U U UUU UUUUU U UUUU 48 (36-76) n/a n/a N V U U UUU U U U UUU UUUUU U UUUU 72 (55-100) 45 110 4 U U U UUU V V U UUU UUUUU U UUUU 110 (66-160) n/a n/a T V V V VVV W W V VVV VVVVV V V V---- 150 (100-200) 85 [c] 215 5 U U V V V V V V U UUU UUUUU U UUUU 150 (100-375) n/a n/a 7 W W Y Y Y Y W W W WWW WWWWW W W -- -- -- 300 (200-400) 170 [d] 425 6 U U U U U U V V U UUU UUUUU U UUUU Part Numbering Maximum Power Available for VI-2xx-xx [a] [a] For additional output power, “booster” modules are available. (VI-Bxx-xx) [c] 15 Vout, 200 W models are limited to 90 Vdc [b] Transient voltage for 1 second. [d] 15 Vout, 200 W models are limited to 185 Vdc Note: For additional packaging options, please see page 4. Input Output Vout Designators VI — 261 — C W Family Series Input Output Grade Power VI = Non-RoHS 2 = 200 0 = 12 V N =48 V Z =2 V M =10 V K =40 V E = –10 to 85°C ≥ 5 V < 5 V VE = RoHS B = Booster V = 24 V 4 =72 V Y =3.3 V 1 =12 V 4 =48 V C = –25 to 85°C U = 200 W U = 40 A 1 =24 V T = 110 V 0 =5 V P = 13.8 V H =52 V I = – 40 to 85°C V = 150 W V = 30 A W =24 V 5 = 150 V X =5.2 V 2 =15 V F =72 V M = –55 to 85°C W = 100 W W = 20 A 2 =36 V 6 = 300 V W =5.5 V N = 18.5 V D =85 V X = 75 W X = 15 A 3 =48 V 7 = 150/300 V V =5.8 V 3 =24 V B =95 V Y = 50 W Y = 10 A T =6.5 V L =28 V R =7.5 V J =36 V |
Similar Part No. - VI-220-IW |
|
Similar Description - VI-220-IW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |