Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP6N80 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQP6N80
Description  800V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP6N80 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQP6N80 Datasheet HTML 1Page - Fairchild Semiconductor FQP6N80 Datasheet HTML 2Page - Fairchild Semiconductor FQP6N80 Datasheet HTML 3Page - Fairchild Semiconductor FQP6N80 Datasheet HTML 4Page - Fairchild Semiconductor FQP6N80 Datasheet HTML 5Page - Fairchild Semiconductor FQP6N80 Datasheet HTML 6Page - Fairchild Semiconductor FQP6N80 Datasheet HTML 7Page - Fairchild Semiconductor FQP6N80 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2000 Fairchild Semiconductor International
September 2000
Rev. A, September 2000
QFETTM
FQP6N80
800V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supply.
Features
• 5.8A, 800V, RDS(on) = 1.95Ω @VGS = 10 V
• Low gate charge ( typical 31 nC)
• Low Crss ( typical 14 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQP6N80
Units
VDSS
Drain-Source Voltage
800
V
ID
Drain Current
- Continuous (TC = 25°C)
5.8
A
- Continuous (TC = 100°C)
3.67
A
IDM
Drain Current
- Pulsed
(Note 1)
23.2
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
680
mJ
IAR
Avalanche Current
(Note 1)
5.8
A
EAR
Repetitive Avalanche Energy
(Note 1)
15.8
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.0
V/ns
PD
Power Dissipation (TC = 25°C)
158
W
- Derate above 25°C
1.27
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.79
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
3 5
!
!
!
"
"
"
3 5
!
!
!
"
"
"
S
D
G
TO-220
FQP Series
G
S
D


Similar Part No. - FQP6N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP6N80C FAIRCHILD-FQP6N80C Datasheet
889Kb / 10P
   800V N-Channel MOSFET
FQP6N80C FAIRCHILD-FQP6N80C Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C Datasheet
1,018Kb / 10P
   N-Channel QFET짰 MOSFET 800 V, 5.5 A, 2.5 廓
logo
Inchange Semiconductor ...
FQP6N80C ISC-FQP6N80C Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
More results

Similar Description - FQP6N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com