Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VX38IB329-F Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT86VX38IB329-F
Description  OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VX38IB329-F Datasheet(HTML) 3 Page - Exar Corporation

  XRT86VX38IB329-F Datasheet HTML 1Page - Exar Corporation XRT86VX38IB329-F Datasheet HTML 2Page - Exar Corporation XRT86VX38IB329-F Datasheet HTML 3Page - Exar Corporation XRT86VX38IB329-F Datasheet HTML 4Page - Exar Corporation XRT86VX38IB329-F Datasheet HTML 5Page - Exar Corporation XRT86VX38IB329-F Datasheet HTML 6Page - Exar Corporation XRT86VX38IB329-F Datasheet HTML 7Page - Exar Corporation XRT86VX38IB329-F Datasheet HTML 8Page - Exar Corporation XRT86VX38IB329-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
XRT86VX38
3
REV. 1.0.2
OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
Extracts and inserts robbed bit signaling (RBS)
3 Integrated HDLC controllers for transmit and receive, each controller having two 96-byte buffers (buffer 0 /
buffer 1)
HDLC Controllers Support SS7
Timeslot assignable HDLC
V5.1 or V5.2 Interface
Automatic Performance Report Generation (PMON Status) can be inserted into the transmit LAPD interface
every 1 second or for a single transmission
Supports SPRM and NPRM
Alarm Indication Signal with Customer Installation signature (AIS-CI)
Remote Alarm Indication with Customer Installation (RAI-CI)
Gapped Clock interface mode for Transmit and Receive.
Intel/Motorola and Power PC interfaces for configuration, control and status monitoring
Parallel search algorithm for fast frame synchronization
Wide choice of T1 framing structures: SF/D4, ESF, SLC®96, T1DM and N-Frame (non-signaling)
Direct access to D and E channels for fast transmission of data link information
Full BERT Controller for generation and detection on system and line side of the chip
PRBS, QRSS, and Network Loop Code generation and detection
Seven Independent, simultaneous Loop Code Detectors per Channel
Programmable Interrupt output pin
Supports programmed I/O and DMA modes of Read-Write access
The framer block encodes and decodes the T1/E1/J1 Frame serial data
Detects and forces Red (SAI), Yellow (RAI) and Blue (AIS) Alarms
Detects OOF, LOF, LOS errors and COFA conditions
Loopbacks: Local (LLB) and Line remote (LB)
Facilitates Inverse Multiplexing for ATM
Performance monitor with one second polling
Boundary scan (IEEE 1149.1) JTAG test port
Accepts external 8kHz Sync reference
1.8V Inner Core
3.3V CMOS operation with 5V tolerant inputs
256-pin fpBGA and 329-pin fpBGA package with -40°C to +85°C operation
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT86VX38IB329
329 Fine Pitch Ball Grid Array
-40
°C to +85°C
XRT86VX38IB256
256 Fine Pitch Ball Grid Array
-40
°C to +85°C


Similar Part No. - XRT86VX38IB329-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VX38IB329 EXAR-XRT86VX38IB329 Datasheet
1Mb / 185P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38IB329 EXAR-XRT86VX38IB329 Datasheet
1Mb / 200P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VX38IB329 EXAR-XRT86VX38IB329 Datasheet
551Kb / 53P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results

Similar Description - XRT86VX38IB329-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VX38_0906 EXAR-XRT86VX38_0906 Datasheet
551Kb / 53P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_1 Datasheet
1Mb / 66P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_1 Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32_0709 EXAR-XRT86VL32_0709 Datasheet
372Kb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_1 Datasheet
1Mb / 63P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X_07 Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com