Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP6N90 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQP6N90
Description  900V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP6N90 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQP6N90 Datasheet HTML 1Page - Fairchild Semiconductor FQP6N90 Datasheet HTML 2Page - Fairchild Semiconductor FQP6N90 Datasheet HTML 3Page - Fairchild Semiconductor FQP6N90 Datasheet HTML 4Page - Fairchild Semiconductor FQP6N90 Datasheet HTML 5Page - Fairchild Semiconductor FQP6N90 Datasheet HTML 6Page - Fairchild Semiconductor FQP6N90 Datasheet HTML 7Page - Fairchild Semiconductor FQP6N90 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)*#+,-./*/Ω, 0 
,-.1**.1µ / 2/0 
"  !"  **µ 3%(%(  4
5 %   6   # 


 





C*
 C?* 
*,)*5,7%)µ'
())


*
∆C*
6∆
C?* 
 
5,7%)µ'+ 7%8

) (>

*68
5
D;* 
*,())**,)*


-)
µ'
*,37)*,-7%8


-))
µ'
5
;C/?
*,9)**,)*


-))
'
5
;C/?+!
*,9)**,)*


-))
'
 
*
; * 
*,*5,7%)µ'
9 )

% )
*
+
  
+ 
*,-)*5,7 ('

- %
- (

   
*,%)*5,7 ('

> 9


 

5  
*,7%**,)*
,- )E#


-11)
-&&)


  

-1)
-&%


+!  

-3
79

   

 
*,1%)*5,% &'
+,7%Ω


9%
&)


+

&)
-3)


 

(%
7))


 

%%
-7)

F
 ;
*,37)*5,% &'
*,-)*


1)
%7

F
; 

& %


F
;

7)


     
5
B 


% &
'
5
B:  


79 7
'
*
 * 
*,)*5,% &'


- 1
*

+!+ !
*,)*5,% &'
56,-))'6µ

1))


F
+!+ !

1 9

µ


Similar Part No. - FQP6N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP6N90C FAIRCHILD-FQP6N90C Datasheet
860Kb / 10P
   900V N-Channel MOSFET
FQP6N90C FAIRCHILD-FQP6N90C Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
logo
Inchange Semiconductor ...
FQP6N90C ISC-FQP6N90C Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQP6N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com