Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF166 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF166
Description  MOSFET BROADBAND RF POWER FETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF166 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF166 Datasheet HTML 1Page - Motorola, Inc MRF166 Datasheet HTML 2Page - Motorola, Inc MRF166 Datasheet HTML 3Page - Motorola, Inc MRF166 Datasheet HTML 4Page - Motorola, Inc MRF166 Datasheet HTML 5Page - Motorola, Inc MRF166 Datasheet HTML 6Page - Motorola, Inc MRF166 Datasheet HTML 7Page - Motorola, Inc MRF166 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MRF166 MRF166C
MOTOROLA RF DEVICE DATA
Figure 1. MRF166C 400 MHz Test Circuit
C1, C7 — 270 pF Chip Capacitor
C2, C6 — Johanson Trimmer Capacitor, 2 – 20 pF
C3 — 21 pF Mini Unelco
C4, C8, C9 — 0.01
µF
C5 — 18 pF Mini Unelco
C10, C11 — 680 pF Feed Through
C12, C13 — 50
µF, 50 V
D1 — 1N5925A Motorola Zener
Board Material — Teflon fiberglass
2 oz. Copper clad both sides,
εr = 2.55
0.060
″ Dielectric Thickness
L1 — #18 AWG, 2 Turns, 0.25
″ ID
0.15
″ Wide
L2 — #18 AWG Hairpin 0.7
″ long, bend into hairpin
RFC1 — Ferroxcube VK200–19/4B
RFC2 — 18 Turns #18 AWG Enameled, 0.3
″ ID
R1 — 220
Ω 1/2 Watt
R2 — 1.8 k
Ω 1/4 Watt
R3 — 10 k
Ω, 10 Turns Bourns
R4 — 10 k 1/4 Watt
Z1 — Microstrip Line 0.150
″ wide, 0.420″ long
Z2 — Microstrip Line 0.150
″ wide, 0.350″ long
Z3 — Microstrip Line 0.150
″ wide, 0.350″ long
Z4 — Microstrip Line 0.150
″ wide, 0.450″ long
Z5 — Microstrip Line 0.150
″ wide, 1.1″ long
Z6 — Microstrip Line 0.150
″ wide, 0.650″ long
Z7 — Microstrip Line 0.150
″ wide, 0.200″ long
R3
C4
C13
D1
R2
RFC2
C8
C10
RFC1
C11
C12
+
+
Vdc
+
R4
C9
R1
RF INPUT
C1
Z1
Z2
L1
Z3
L2
Z4
C3
C2
D.U.T.
Z5
Z6
Z7
C7
C6
C5
RF OUTPUT
R1
C7
C8
D1
R2
RFC2
C9
C10
RFC1
C11
C12
+
+
Vdc
+
R4
C6
R3
RF INPUT
C1
L1
C2
C5
C4
C3
RF OUTPUT
C1, C2 — 406 ARCO
C3 — 39 pF ATC 100 Mil Chip Cap
C4 — 403 ARCO
C5 — 470 pF ATC 100 Mil Chip Cap
C6, C7, C9, C13 — 0.01
µF
C8, C12 — 50
µF, 50 V
C10, C11 — 680 pF Feed Through
D1 — 1N5925A Motorola Zener
L1 — #20 AWG 2 Turns, 0.235
″ ID, 0.10″ OD
L2 — #18 AWG 2 Turns, 0.225
″ ID, 0.22″ OD
L3 — #18 AWG 2 Turns, 0.325
″ ID, 0.13″ OD
RFC1 — Ferroxcube VK200–19/4B
RFC2 — 18 Turns #18 AWG Enameled, 0.3
″ ID
R1 — 10 k
Ω, 10 Turn Bourns
R2 — 1.8 k
Ω 1/4 Watt
R3 — 120
Ω 1/2 Watt
R4 — 10 k
Ω 1/4 Watt
Board Material — 0.062
″ G10, 2 oz Cu Clad Double Sided
Figure 2. MRF166 150 MHz Test Circuit
C13
L2
L3
VDD = 28 V
VDD = 28 V
D.U.T.


Similar Part No. - MRF166

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF166C MOTOROLA-MRF166C Datasheet
111Kb / 6P
   MOSFET BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF166C MACOM-MRF166C Datasheet
178Kb / 9P
   MOSFET BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
   The RF MOSFET Line 20W, 500MHz, 28V
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
   The RF MOSFET Line 20W, 500MHz, 28V
MRF166C MA-COM-MRF166C_15 Datasheet
560Kb / 11P
   The RF MOSFET Line
More results

Similar Description - MRF166

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF166C MOTOROLA-MRF166C Datasheet
111Kb / 6P
   MOSFET BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF166C MACOM-MRF166C Datasheet
178Kb / 9P
   MOSFET BROADBAND RF POWER FETs
MRF175LU MACOM-MRF175LU Datasheet
144Kb / 8P
   N-CHANNEL BROADBAND RF POWER FETs
logo
Motorola, Inc
MRF175LU MOTOROLA-MRF175LU Datasheet
138Kb / 8P
   N-CHANNEL BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
Tyco Electronics
MRF175GU MACOM-MRF175GU Datasheet
214Kb / 11P
   N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175GU1111 MACOM-MRF175GU1111 Datasheet
209Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Motorola, Inc
MRF136 MOTOROLA-MRF136 Datasheet
284Kb / 12P
   N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175GU MOTOROLA-MRF175GU Datasheet
183Kb / 8P
   N-CHANNEL MOS BROADBAND RF POWER FETs
MRF176GU MOTOROLA-MRF176GU Datasheet
177Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com