Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB43AB23PDTG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TSB43AB23PDTG4
Description  IEEE 1394a-2000 OHCI PHY/Link Layer Controller 
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB43AB23PDTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSB43AB23PDTG4 Datasheet HTML 3Page - Texas Instruments TSB43AB23PDTG4 Datasheet HTML 4Page - Texas Instruments TSB43AB23PDTG4 Datasheet HTML 5Page - Texas Instruments TSB43AB23PDTG4 Datasheet HTML 6Page - Texas Instruments TSB43AB23PDTG4 Datasheet HTML 7Page - Texas Instruments TSB43AB23PDTG4 Datasheet HTML 8Page - Texas Instruments TSB43AB23PDTG4 Datasheet HTML 9Page - Texas Instruments TSB43AB23PDTG4 Datasheet HTML 10Page - Texas Instruments TSB43AB23PDTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
vii
List of Tables
Table
Title
Page
2–1
PDT Package Signals Sorted by Terminal Number
2–4
. . . . . . . . . . . . . . . . . .
2–2
PGE Package Signals Sorted by Terminal Number
2–5
. . . . . . . . . . . . . . . . . .
2–3
Signal Names Sorted Alphanumerically to Terminal Number
2–6
. . . . . . . . . .
2–4
PCI System Terminals
2–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–5
PCI Address and Data Terminals
2–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–6
PCI Interface Control Terminals
2–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–7
Miscellaneous Terminals
2–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–8
Physical Layer Terminals
2–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–9
Power Supply Terminals
2–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–1
Bit Field Access Tag Descriptions
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–2
PCI Configuration Register Map
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–3
Command Register Description
3–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–4
Status Register Description
3–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–5
Class Code and Revision ID Register Description
3–6
. . . . . . . . . . . . . . . . . . .
3–6
Latency Timer and Class Cache Line Size Register Description
3–6
. . . . . . .
3–7
Header Type and BIST Register Description
3–7
. . . . . . . . . . . . . . . . . . . . . . . .
3–8
OHCI Base Address Register Description
3–7
. . . . . . . . . . . . . . . . . . . . . . . . . .
3–9
TI Base Address Register Description
3–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–10
Subsystem Identification Register Description
3–9
. . . . . . . . . . . . . . . . . . . . . .
3–11
Interrupt Line and Pin Registers Description
3–10
. . . . . . . . . . . . . . . . . . . . . . . .
3–12
MIN_GNT and MAX_LAT Register Description
3–10
. . . . . . . . . . . . . . . . . . . . .
3–13
OHCI Control Register Description
3–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–14
Capability ID and Next Item Pointer Registers Description
3–11
. . . . . . . . . . . .
3–15
Power Management Capabilities Register Description
3–12
. . . . . . . . . . . . . . .
3–16
Power Management Control and Status Register Description
3–13
. . . . . . . . .
3–17
Power Management Extension Registers Description
3–13
. . . . . . . . . . . . . . . .
3–18
PCI PHY Control Register
3–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–19
Miscellaneous Configuration Register
3–15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–20
Link Enhancement Control Register Description
3–16
. . . . . . . . . . . . . . . . . . . .
3–21
Subsystem Access Register Description
3–17
. . . . . . . . . . . . . . . . . . . . . . . . . . .
3–22
General-Purpose Input/Output Control Register Description
3–18
. . . . . . . . . .
4–1
OHCI Register Map
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–2
OHCI Version Register Description
4–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–3
GUID ROM Register Description
4–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–4
Asynchronous Transmit Retries Register Description
4–6
. . . . . . . . . . . . . . . .
4–5
CSR Control Register Description
4–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–6
Configuration ROM Header Register Description
4–8
. . . . . . . . . . . . . . . . . . . .


Similar Part No. - TSB43AB23PDTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43AB23PDT TI-TSB43AB23PDT Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com