Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB1R-B1AA Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # DB1R-B1AA
Description  High-precision switch with high repeat accuracy
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

DB1R-B1AA Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  DB1R-B1AA Datasheet HTML 1Page - Cherry Semiconductor Corporation DB1R-B1AA Datasheet HTML 2Page - Cherry Semiconductor Corporation DB1R-B1AA Datasheet HTML 3Page - Cherry Semiconductor Corporation DB1R-B1AA Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
®
13
Rest position 0.366 (9.3 max.)
0.098
(2.5)
Operating point 0.331
± 0.012 (8.4±0.3)
0.787 max.
(20.0)
0.295
(7.5)
ø 0.087
(2.2)
0.295
(7.5)
0.295
(7.5)
0.107
(2.73)
0.374
(9.5)
0.205
(5.2)
0.256
(6.5)
Auxiliary Actuator inches (mm)
Dimensions inches (mm)
ø0.197
(5.0)
R 2
»L«
»L«
»L«
±0.031
(0.8)
»L«
±0.031
(0.8)
»L«
±0.031
(0.8)
»L«
±0.031
(0.8)
ø0.189
(4.8)
R 0.098
(2.5)
High Ratio (HR)
Standard Ratio (SR)
±0.031
(0.8)
Operating
Point
Rest
Position
Straight
Straight – Plastic
Roller
Roller – Plastic
Simulated Roller
Simulated Roller – Plastic
±0.031
(0.8)
Contact Ratings
at Direct Voltage
Switched Current
Inductive Load
Switching
Resistive Load
L/R=3ms
Voltage
DB1
DB2
DB1
DB2
12V
6A
10A
6A
10A
24V
3A
5A
2A
4A
60V
1A
1A
0.5A
0.5A
110V
0.5A
0.5A
0.2A
0.2A
220V
0.25A 0.25A
0.1A
0.1A
QC Terminals
0.110 x 0.020 (2.8 x 0.5)
Solder Terminals – Short
PCB Terminals – Straight
0.236 x 0.020 (1.3 x 0.5)
PCB Terminals – Straight
0.036 x 0.020 (0.6 x 0.5)
PCB Terminals
RH Side w/o Location Pins
0.024 x 0.020 (0.6 x 0.5)
PCB Terminals
RH Side with Location Pins
0.024 x 0.020 (0.6 x 0.5)
PCB Terminals
LH Side with Location Pins
0.024 x 0.020 (0.6 x 0.5)
PCB Terminals
LH Side w/o Location Pins
0.024 x 0.020 (0.6 x 0.5)
Top-down View
of Lateral Terminals
Drilling Patterns
for PCB Terminals
0.051 x 0.020 (1.3 x 0.5)
0.295
(7.5)
0.295
(7.5)
Ø0.063 (1.6)
Drilling Patterns
for PCB Terminals
(Straight/Lateral
w/o Location Pins)
0.024 x 0.020 (0.6 x 0.5)
0.295
(7.5)
0.295
(7.5)
Ø0.051 (1.3)
Drilling Patterns
for PCB Terminals
(Lateral with Location Pins)
0.024 x 0.020 (0.6 x 0.5)
0.295
(7.5)
0.295
(7.5)
0.107
(2.73)
0.200
(5.08)
Ø0.051
(1.3)
Ø0.067
(1.7)
0.374 (9.5)
0.071
(1.8)
0.110
(2.8)
0.024
(1.3)
0.110
(2.8)
0.047
(1.2)
0.122
(3.1)
0.122
(3.1)
0.024
(0.6)
0.138
(3.5)
0.266
(6.75)
0.200
(5.08)
0.138
(3.5)
0.266
(6.75)
0.200
(5.08)
0.110
(2.8)
0.138
(3.5)
0.266
(6.75)
0.200
(5.08)
0.110
(2.8)
0.138
(3.5)
0.266
(6.75)
0.200
(5.08)
Left
Right
Terminal Options inches (mm)


Similar Part No. - DB1R-B1AA

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB100 SURGE-DB100 Datasheet
75Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
DIOTEC Electronics Corp...
DB1000 DEC-DB1000 Datasheet
404Kb / 2P
   10 AMP SILICON BRIDGE RECTIFIERS
DB1001 DEC-DB1001 Datasheet
404Kb / 2P
   10 AMP SILICON BRIDGE RECTIFIERS
DB1002 DEC-DB1002 Datasheet
404Kb / 2P
   10 AMP SILICON BRIDGE RECTIFIERS
DB1004 DEC-DB1004 Datasheet
404Kb / 2P
   10 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - DB1R-B1AA

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
DB3C-C1AA ZFSWITCHES-DB3C-C1AA Datasheet
279Kb / 2P
   Precision switch with high repeat accuracy
logo
TE Connectivity Ltd
AGASTAT-2100 TEC-AGASTAT-2100 Datasheet
400Kb / 4P
   High Repeat Accuracy over voltage and temperature extremes
logo
Supertex, Inc
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
   High accuracy 1A, 60V LED driver with internal switch
logo
Supertex, Inc
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
   Switch-mode LED Driver IC with High Current Accuracy
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
ZXLD1356 DIODES-ZXLD1356 Datasheet
1Mb / 32P
   High accuracy 550mA, 60V LED driver with internal switch
logo
Infineon Technologies A...
TLE4966-2K INFINEON-TLE4966-2K Datasheet
1Mb / 14P
   High Precision Hall Switch with two Outputs
Rev.1.0, 2010-06-28
logo
Omron Electronics LLC
D5F-2B34C-Y OMRON-D5F-2B34C-Y Datasheet
55Kb / 6P
   High-Precision Optical Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com