Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM9211 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 2 Page - Texas Instruments

  PCM9211 Datasheet HTML 1Page - Texas Instruments PCM9211 Datasheet HTML 2Page - Texas Instruments PCM9211 Datasheet HTML 3Page - Texas Instruments PCM9211 Datasheet HTML 4Page - Texas Instruments PCM9211 Datasheet HTML 5Page - Texas Instruments PCM9211 Datasheet HTML 6Page - Texas Instruments PCM9211 Datasheet HTML 7Page - Texas Instruments PCM9211 Datasheet HTML 8Page - Texas Instruments PCM9211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 121 page
background image
PCM9211
SBAS495 – JUNE 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
OPERATING
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
PCM9211PT
Tray, 250
PCM9211
LQFP-48
PT
–40°C to +85°C
PCM9211
PCM9211PTR
Tape and Reel, 1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the
device product folder on www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
PCM9211
UNIT
VCC, VDD, VDDRX
–0.3 to +4.0
V
Supply voltage
VCCAD
–0.3 to +6.5
V
Supply voltage differences: VCC, VDD
±0.1
V
Ground voltage differences: AGND, DGND, GNDRX
±0.1
V
RXIN2, RXIN3, RXIN4/ASCKI0, RXIN5/ABCKI0, RXIN6/ALRCKI0,
–0.3 to +6.5
V
RXIN7/ADIN0, MC/SCL, MDI/SDA, MDO/ADR, MS/ADR1, RST
MPIO_A0-A3, MPIO_B0-B3, MPIO_C0-C3
–0.3 to +6.5
V
Digital input voltage
RXIN0, RXIN1 (For S/PDIF TTL / OPTICAL input)
–0.3 to +6.5
V
MODE
–0.3 to +4.0
V
RXIN0, RXIN1 (For S/PDIF Coaxial Input Only)
–0.3 to (VDDRX + 0.3) < +4.0
V
XTI, XTO
–0.3 to (VDD + 0.3) < +4.0
V
Analog input voltage
FILT
–0.3 to (VCC + 0.3) < +4.0
V
VINL, VINR, VCOM
–0.3 to (VCCAD + 0.3) < +6.5
V
Input current (any pins except supplies)
±10
mA
Ambient temperature under bias
–40 to +125
°C
Storage temperature
–55 to +150
°C
Junction temperature
+150
°C
Package temperature (reflow, peak)
+260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
DIR analog supply voltage, VCC
2.9
3.3
3.6
V
ALL digital supply voltage, VDD
2.9
3.3
3.6
V
ADC analog supply voltage, VCCAD
4.5
5.0
5.5
V
Coaxial amplifier supply voltage, VDDRX
2.9
3.3
3.6
V
Digital input interface level
TTL-compatible
DIR, DIT, and Routing sampling frequency
7
216
kHz
DIR, DIT, and Routing system clock frequency
0.896
55.296
MHz
Digital input/output clock frequency
ADC sampling frequency
16
96
kHz
ADC system clock frequency
2.048
24.576
MHz
XTI input clock frequency
24.576
MHz
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): PCM9211


Similar Part No. - PCM9211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM9211 TI1-PCM9211 Datasheet
1Mb / 121P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PCM9211PT TI1-PCM9211PT Datasheet
1Mb / 121P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PCM9211PT TI1-PCM9211PT Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
PCM9211PTR TI1-PCM9211PTR Datasheet
1Mb / 121P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PCM9211PTR TI1-PCM9211PTR Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
More results

Similar Description - PCM9211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4754AEVKIT MAXIM-MAX4754AEVKIT Datasheet
94Kb / 4P
   Data and Audio Signal Routing
Rev 0; 5/07
logo
Texas Instruments
PCM9211 TI1-PCM9211 Datasheet
1Mb / 121P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
logo
Asahi Kasei Microsystem...
AKD4683-B AKM-AKD4683-B Datasheet
1Mb / 55P
   24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
logo
ATMEL Corporation
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
   Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
   Routing card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
   Routing Card
ATSTK600-RC17 ATMEL-ATSTK600-RC17 Datasheet
240Kb / 19P
   AVR600: STK600 Expansion, routing and socket boards
ATSTK600-RC54 ATMEL-ATSTK600-RC54 Datasheet
240Kb / 19P
   AVR600: STK600 Expansion, routing and socket boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com