Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74VMEH22501A-EP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74VMEH22501A-EP
Description  Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501A-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74VMEH22501A-EP Datasheet HTML 6Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 7Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 8Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 9Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 10Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 11Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 12Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 13Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SN74VMEH22501AEP
8BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1BIT BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3STATE OUTPUTS
SCES625 − FEBRUARY 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions for UBT transceiver (unless
otherwise noted) (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
UNIT
fmax
120
MHz
tPLH
3A
3B
4.8
9.5
ns
tPHL
3A
3B
4.5
8.3
ns
tPLH
LE
3B
5.2
10.6
ns
tPHL
LE
3B
4.7
8.7
ns
tPLH
CLKAB
3B
5.4
10.5
ns
tPHL
CLKAB
3B
4.2
8.4
ns
tPZH
OE
3B
4.2
9.3
ns
tPZL
OE
3B
2.8
8.5
ns
tPHZ
OE
3B
4.2
9.3
ns
tPLZ
OE
3B
2.4
5.7
ns
tr
Transition time, B port (10%−90%)
4.3
ns
tf
Transition time, B port (90%−10%)
4.3
ns
tPLH
3B
3A
1.5
5.9
ns
tPHL
3B
3A
1.7
5.9
ns
tPLH
LE
3A
1.7
5.9
ns
tPHL
LE
3A
1.7
5.9
ns
tPLH
CLKBA
3A
1.1
5.5
ns
tPHL
CLKBA
3A
1.4
5.5
ns
tPZH
OE
3A
1.5
6.2
ns
tPZL
OE
3A
2.1
5.5
ns
tPHZ
OE
3A
0.8
6.2
ns
tPLZ
OE
3A
2.3
5.6
ns
skew characteristics for bus transceiver for specific worst-case VCC and temperature within the
recommended ranges of supply voltage and operating free-air temperature (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tsk(LH)
1A or 2A
1B or 2B
0.8
ns
tsk(HL)
1A or 2A
1B or 2B
0.7
ns
tsk(LH)
1B or 2B
1Y or 2Y
0.7
ns
tsk(HL)
1B or 2B
1Y or 2Y
0.7
ns
tsk(t)†
1A or 2A
1B or 2B
3.9
ns
tsk(t)†
1B or 2B
1Y or 2Y
1.5
ns
tsk(pp)
1A or 2A
1B or 2B
3.6
ns
tsk(pp)
1B or 2B
1Y or 2Y
1.4
ns
† tsk(t) − Output-to-output skew is defined as the absolute value of the difference between the actual propagation delay for all outputs of the same
packaged device. The specifications are given for specific worst-case VCC and temperature and apply to any outputs switching in opposite directions,
both low to high (LH) and high to low (HL) [tsk(t)].


Similar Part No. - SN74VMEH22501A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
More results

Similar Description - SN74VMEH22501A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CALVC164245IGQLREP TI-CALVC164245IGQLREP Datasheet
387Kb / 19P
[Old version datasheet]   Enhanced Diminishing Manufacturing Sources (DMS) Support
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
   Product Change Notification
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
   Product Change Notification
7717-108DAPG AAVID-7717-108DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-86DAPG AAVID-7717-86DAPG Datasheet
55Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com