Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH32MN561K23p Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQH32MN561K23p
Description  Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH32MN561K23p Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQH32MN561K23p Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH32MN561K23p Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH32MN561K23p Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Inductors (Coils) > Chip Inductor (Chip Coil) > for General Use Wire Wound Type
2012.11.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Continued from the preceding page.
Part Number
Inductance
Test Frequency Rated Current
Max. of DC Resistance Q (min.) Test Frequency Self Resonance Frequency (min.)
LQH32MN390J23
p
39µH ±5%
1MHz
110mA
3.9ohm
40
1MHz
11MHz
LQH32MN390K23
p 39µH ±10%
1MHz
110mA
3.9ohm
40
1MHz
11MHz
LQH32MN470J23
p
47µH ±5%
1MHz
100mA
4.3ohm
40
1MHz
11MHz
LQH32MN470K23
p 47µH ±10%
1MHz
100mA
4.3ohm
40
1MHz
11MHz
LQH32MN560J23
p
56µH ±5%
1MHz
85mA
4.9ohm
40
1MHz
10MHz
LQH32MN560K23
p 56µH ±10%
1MHz
85mA
4.9ohm
40
1MHz
10MHz
LQH32MN680J23
p
68µH ±5%
1MHz
80mA
5.5ohm
40
1MHz
9MHz
LQH32MN680K23
p 68µH ±10%
1MHz
80mA
5.5ohm
40
1MHz
9MHz
LQH32MN820J23
p
82µH ±5%
1MHz
70mA
6.2ohm
40
1MHz
8.5MHz
LQH32MN820K23
p 82µH ±10%
1MHz
70mA
6.2ohm
40
1MHz
8.5MHz
LQH32MN101J23
p
100µH ±5%
1MHz
80mA
7.0ohm
40
796kHz
8MHz
LQH32MN101K23
p 100µH ±10%
1MHz
80mA
7.0ohm
40
796kHz
8MHz
LQH32MN121J23
p
120µH ±5%
1MHz
75mA
8.0ohm
40
796kHz
7.5MHz
LQH32MN121K23
p 120µH ±10%
1MHz
75mA
8.0ohm
40
796kHz
7.5MHz
LQH32MN151J23
p
150µH ±5%
1MHz
70mA
9.3ohm
40
796kHz
7MHz
LQH32MN151K23
p 150µH ±10%
1MHz
70mA
9.3ohm
40
796kHz
7MHz
LQH32MN181J23
p
180µH ±5%
1MHz
65mA
10.2ohm
40
796kHz
6MHz
LQH32MN181K23
p 180µH ±10%
1MHz
65mA
10.2ohm
40
796kHz
6MHz
LQH32MN221J23
p
220µH ±5%
1MHz
65mA
11.8ohm
40
796kHz
5.5MHz
LQH32MN221K23
p 220µH ±10%
1MHz
65mA
11.8ohm
40
796kHz
5.5MHz
LQH32MN271J23
p
270µH ±5%
1MHz
65mA
12.5ohm
40
796kHz
5MHz
LQH32MN271K23
p 270µH ±10%
1MHz
65mA
12.5ohm
40
796kHz
5MHz
LQH32MN331J23
p
330µH ±5%
1MHz
65mA
13.0ohm
40
796kHz
5MHz
LQH32MN331K23
p 330µH ±10%
1MHz
65mA
13.0ohm
40
796kHz
5MHz
LQH32MN391J23
p
390µH ±5%
1MHz
50mA
22.0ohm
50
796kHz
5MHz
LQH32MN391K23
p 390µH ±10%
1MHz
50mA
22.0ohm
50
796kHz
5MHz
LQH32MN471J23
p
470µH ±5%
1kHz
45mA
25.0ohm
50
796kHz
5MHz
LQH32MN471K23
p 470µH ±10%
1kHz
45mA
25.0ohm
50
796kHz
5MHz
LQH32MN561J23
p
560µH ±5%
1kHz
40mA
28.0ohm
50
796kHz
5MHz
LQH32MN561K23
p 560µH ±10%
1kHz
40mA
28.0ohm
50
796kHz
5MHz
Class of Magnetic Shield: No magnetic shield
Operating Temperature Range (Self-temperature rise is not included): -40 to +85°C
c Q-Frequency Characteristics (Typ.)
0
20
40
60
80
100
0.1
1
10
Frequency (MHz)
100μH
10μH
1μH
c Inductance-Current Characteristics (Typ.)
100
1000
10
1
0.1
100μH
10
1
100
1000
220μH
39μH
10μH
3.9μH
1.0μH
Current (mA)
Continued on the following page.


Similar Part No. - LQH32MN561K23p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32MN561K23 MURATA-LQH32MN561K23 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH32MN561K23 MURATA-LQH32MN561K23 Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN561K23K MURATA-LQH32MN561K23K Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
More results

Similar Description - LQH32MN561K23p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32MN1R0M23L MURATA-LQH32MN1R0M23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH32M Series (1210 Size)
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN330K23L MURATA-LQH32MN330K23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH31MNR15K03D MURATA-LQH31MNR15K03D Datasheet
67Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH31M Series
LQH43MN1R0M03L MURATA-LQH43MN1R0M03L Datasheet
70Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH43M/LQH43N Series
LQH32CNR47M33L MURATA-LQH32CNR47M33L Datasheet
69Kb / 2P
   Chip Inductor for Automotive (Chip Coil for Automotive) Power Inductor (Wire Wound Type for Choke) LQH32C_23/LQH32C_33 Series (1210 Size)
LQH2MCN220K02L MURATA-LQH2MCN220K02L Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
LQH2MCN4R7M02L MURATA-LQH2MCN4R7M02L Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
LQH2MCN100K02L MURATA-LQH2MCN100K02L Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com