Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD5V0D5 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ESD5V0D5
Description  3.3V~12Volts ESD Protection Devices For space saving application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESD5V0D5 Datasheet(HTML) 1 Page - Micro Commercial Components

  ESD5V0D5 Datasheet HTML 1Page - Micro Commercial Components ESD5V0D5 Datasheet HTML 2Page - Micro Commercial Components ESD5V0D5 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone: (818) 701-4933
Fax:
(818) 701-4939
ESD3V3D5
Thru
ESD12VD5
3.3V~12Volts
ESD Protection
SOD523
Features
For sensitive ESD protection
Excellent clamping capability
Low leakage
ESD rating of class 3(>16KV)per Human Body Mode
For space saving application
Fast response ,response time less than 1ns.
Maximum Ratings
Operating Junction &StorageTemperature: -55
°C to +150°C
Maximum Thermal Resistance: 625
°C/W Junction To Ambient
Parameter
Symbol
Limits
unit
IEC61000-4-2(ESD)
Air
Contact
±30
±30
KV
ESD Voltage per human body mode
per machine mode
16
400
KV
V
Power Dissipation
Pd
200
mw
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Devices
Revision: C
2013/01/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.043
.051
1.10
1.30
C
.030
.033
0.75
0.85
D
.001
.003
0.01
0.07
E
.010
.014
0.25
0.35
F
.003
.00
6
0.08
0.15
G
.020
.028
0.50
0.70
H
.020
.031
0.51
0.7
7
A
B
E
C
H
G
D
F
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - ESD5V0D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD5V0D5 MCC-ESD5V0D5 Datasheet
284Kb / 3P
   3.3V~12Volts ESD Protection Devices
logo
List of Unclassifed Man...
ESD5V0D5 ETC2-ESD5V0D5 Datasheet
312Kb / 3P
   Halogen free available upon request by adding suffix "-HF"||" "586347
PAINTED TEXTURED GRAY RAL 7035
logo
Bruckewell Technology L...
ESD5V0D5 BWTECH-ESD5V0D5 Datasheet
285Kb / 3P
   Plastic-Encapsulate Diodes
logo
Shanghai Yint Electroni...
ESD5V0D5 YINT-ESD5V0D5 Datasheet
454Kb / 3P
   ESD Protection Diode
logo
Micro Commercial Compon...
ESD5V0D5-TP MCC-ESD5V0D5-TP Datasheet
312Kb / 3P
   3.3V~12Volts ESD Protection Devices
More results

Similar Description - ESD5V0D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD3V3D5 MCC-ESD3V3D5_16 Datasheet
237Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5_11 Datasheet
284Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD3V3D7 MCC-ESD3V3D7 Datasheet
390Kb / 4P
   3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5 Datasheet
206Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD5V0D5-TP MCC-ESD5V0D5-TP Datasheet
312Kb / 3P
   3.3V~12Volts ESD Protection Devices
SM12C MCC-SM12C Datasheet
240Kb / 4P
   12Volts ESD Protection Devices
SM22 MCC-SM22 Datasheet
322Kb / 4P
   12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3_11 Datasheet
209Kb / 4P
   5V~12Volts ESD Protection Devices
SM05 MCC-SM05 Datasheet
269Kb / 4P
   5V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3_13 Datasheet
241Kb / 4P
   5V~12Volts ESD Protection Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com