Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDLC12VD3B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ESDLC12VD3B
Description  3.3V-12Volts ESD Protection Device Low clamping voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESDLC12VD3B Datasheet(HTML) 1 Page - Micro Commercial Components

  ESDLC12VD3B Datasheet HTML 1Page - Micro Commercial Components ESDLC12VD3B Datasheet HTML 2Page - Micro Commercial Components ESDLC12VD3B Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Micro Commercial Components
20736 Marilla Street Chatsworth
Chatsworth, CA 91311
Phone: (818) 701-4933
Fax:
(818) 701-4939
ESDLC3V3D3B
3.3V-12Volts
SOD-323
Features
SOD-323 package
Low clamping voltage
ESD protection > 40 KV
350W peak pulse power (8/20 us)
Maximum Ratings
Parameter
Symbol
Limits
unit
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Pin Configuration-Top View
Case Material: Molded Plastic. UL Flammability
-55~+150
oC
Peak pulse power 8/20us
PPP
350
W
Tj
Storage temperature
Tstg
-55~+150
oC
ESD Protection
Device
Revision:
C
20
13/05/27
Operating Temperature
ESDLC12VD3B
Thru
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
D
H
G
J
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - ESDLC12VD3B

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
ESDLC12VD3B YINT-ESDLC12VD3B Datasheet
506Kb / 3P
   ESD Protection Diode
More results

Similar Description - ESDLC12VD3B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESDLC3V3D3-TP MCC-ESDLC3V3D3-TP Datasheet
228Kb / 3P
   3.3V-12Volts ESD Protection Device
ESDLC3V3D3B MCC-ESDLC3V3D3B Datasheet
192Kb / 3P
   3.3V-12Volts ESD Protection Device
ESDLC3V3D3 MCC-ESDLC3V3D3 Datasheet
201Kb / 3P
   3.3V-12Volts ESD Protection Device
ESD3V3D5 MCC-ESD3V3D5_11 Datasheet
284Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5_16 Datasheet
237Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3 Datasheet
130Kb / 4P
   5V~12Volts ESD Protection Device
ESD3V3D7 MCC-ESD3V3D7 Datasheet
390Kb / 4P
   3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5 Datasheet
206Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD5V0D5-TP MCC-ESD5V0D5-TP Datasheet
312Kb / 3P
   3.3V~12Volts ESD Protection Devices
SRV05-4L MCC-SRV05-4L_13 Datasheet
272Kb / 3P
   5 Volts ESD Protection Device Low clamping voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com