Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP7N80 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQP7N80
Description  800V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP7N80 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQP7N80 Datasheet HTML 1Page - Fairchild Semiconductor FQP7N80 Datasheet HTML 2Page - Fairchild Semiconductor FQP7N80 Datasheet HTML 3Page - Fairchild Semiconductor FQP7N80 Datasheet HTML 4Page - Fairchild Semiconductor FQP7N80 Datasheet HTML 5Page - Fairchild Semiconductor FQP7N80 Datasheet HTML 6Page - Fairchild Semiconductor FQP7N80 Datasheet HTML 7Page - Fairchild Semiconductor FQP7N80 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
  
 
  #01 &$
"!#01 &$
2 $ 3"!#01 &$

70


#-
70
30
//8
/9
//8
.



70


#-
70
30
//8
/9
//8
.


70
30
/4
:/4


 
 


33

30
)
7
70
70
30
/4
:/4


 
 


33

30
)
7
70
-0 -0




300 33
300
33
30
300

33
-0
30
3


7

 3

-0 -0



-0 -0







300 33
300
33
30
300

33
-0
30
3


7

 3
 3



Similar Part No. - FQP7N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP7N80C FAIRCHILD-FQP7N80C Datasheet
848Kb / 10P
   800V N-Channel MOSFET
logo
Thinki Semiconductor Co...
FQP7N80C THINKISEMI-FQP7N80C Datasheet
1Mb / 8P
   6.6A,800V Heatsink Planar N-Channel Power MOSFET
logo
Inchange Semiconductor ...
FQP7N80C ISC-FQP7N80C Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQP7N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com