Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-30BQ060PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-30BQ060PBF
Description  Schottky Rectifier, 3.0 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30BQ060PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-30BQ060PBF Datasheet HTML 1Page - Vishay Siliconix VS-30BQ060PBF Datasheet HTML 2Page - Vishay Siliconix VS-30BQ060PBF Datasheet HTML 3Page - Vishay Siliconix VS-30BQ060PBF Datasheet HTML 4Page - Vishay Siliconix VS-30BQ060PBF Datasheet HTML 5Page - Vishay Siliconix VS-30BQ060PBF Datasheet HTML 6Page - Vishay Siliconix VS-30BQ060PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94180
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 04-Mar-10
3
VS-30BQ060PbF
Schottky Rectifier, 3.0 A Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics (Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage (Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
0.1
1
10
VFM - Forward Voltage Drop (V)
0.1
0.3
0.6
0.8
0.9
0.7
0.4
0.2
0.5
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.001
0.01
0.1
1
10
100
VR - Reverse Voltage (V)
10
30
60
40
20
0
50
TJ = 125 °C
TJ = 150 °C
TJ = 100 °C
TJ = 75 °C
TJ = 50 °C
TJ = 25 °C
10
100
1000
VR - Reverse Voltage (V)
10
30
60
70
40
20
0
50
T
J = 25 °C
0.01
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
t1 - Rectangular Pulse Duration (s)
100
Single pulse
thermal resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC


Similar Part No. - VS-30BQ060PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30BQ060-M3 VISHAY-VS-30BQ060-M3 Datasheet
99Kb / 7P
   Schottky Rectifier
Revision: 13-Sep-10
VS-30BQ060-M3 VISHAY-VS-30BQ060-M3 Datasheet
136Kb / 7P
   High Performance Schottky Rectifier, 3.0 A
01-Jan-2022
VS-30BQ060-M3 VISHAY-VS-30BQ060-M3_V01 Datasheet
136Kb / 7P
   High Performance Schottky Rectifier, 3.0 A
01-Jan-2022
VS-30BQ060HM3 VISHAY-VS-30BQ060HM3 Datasheet
136Kb / 7P
   Small foot print, surface mountable
Revision: 17-Dec-14
VS-30BQ060HM3 VISHAY-VS-30BQ060HM3 Datasheet
137Kb / 7P
   High Performance Schottky Rectifier, 3.0 A
01-Jan-2022
More results

Similar Description - VS-30BQ060PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ015PBF VISHAY-30BQ015PBF_11 Datasheet
118Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
MBRD320PBF VISHAY-MBRD320PBF_11 Datasheet
122Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 14-Jan-11
1N5820 VISHAY-1N5820_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ060TRPBF VISHAY-VS-30BQ060TRPBF Datasheet
120Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ060PBF VISHAY-30BQ060PBF_10 Datasheet
121Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ015PBF VISHAY-30BQ015PBF Datasheet
102Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 14-Aug-08
MBRD320 VISHAY-MBRD320 Datasheet
104Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 06-Jun-08
MBRS340TRPBF VISHAY-MBRS340TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 09-Oct-08
VS-1N5820 VISHAY-VS-1N5820 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ015PBF VISHAY-VS-30BQ015PBF Datasheet
117Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
VS-30BQ040TRPBF VISHAY-VS-30BQ040TRPBF Datasheet
113Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com