Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI826X Datasheet(PDF) 4 Page - Silicon image

Part # SI826X
Description  5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SI826X Datasheet(HTML) 4 Page - Silicon image

  SI826X Datasheet HTML 1Page - Silicon image SI826X Datasheet HTML 2Page - Silicon image SI826X Datasheet HTML 3Page - Silicon image SI826X Datasheet HTML 4Page - Silicon image SI826X Datasheet HTML 5Page - Silicon image SI826X Datasheet HTML 6Page - Silicon image SI826X Datasheet HTML 7Page - Silicon image SI826X Datasheet HTML 8Page - Silicon image SI826X Datasheet HTML 9Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Si826x
4
Preliminary Rev. 0.9
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
5—
30
V
Input Current
IF(ON)
6—
30
mA
Operating Temperature (Ambient)
TA
–40
125
°C
Table 2. Electrical Characteristics 1
VDD =15V or 30V, GND=0V, IF =6mA, TA = –40 to +125 °C; typical specs at 25 °C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Parameters
Supply Voltage2
VDD
(VDD – GND)
5
30
V
Supply Current (Output High)
IDD
IF =10mA
VDD =15V
VDD =30V
1.8
2.0
2.4
2.7
mA
mA
Supply Current (Output Low)
IDD
VF = –0.3 to +1.5 V
VDD =15V
VDD =30V
1.5
1.7
2.1
2.4
mA
mA
Input Current Threshold
IF(TH)
6—
mA
Input Current Hysteresis
IHYS
—0.34
mA
Input Forward Voltage (OFF)
VF(OFF)
Measured at ANODE with
respect to CATHODE.
——
1
V
Input Forward Voltage (ON)
VF(ON)
Measured at ANODE with
respect to CATHODE.
1.6
2.8
V
Input Capacitance
CI
f=100kHz,
VF =0V,
VF =2V
15
15
pF
Output Resistance High
(Source)3
ROH
Si826xAxx devices
15
Si826xBxx devices (IOH =-1A)
2.6
5.1
Output Resistance Low (Sink)3
ROL
Si826xAxx devices
5.0
Si826xBxx devices (IOL =2A)
0.8
2.0
Notes:
1. See "8.Ordering Guide" on page 25 for more information.
2. Minimum value of (VDD - GND) decoupling capacitor is 1 µF.
3. Both VO pins are required to be shorted together for 4.0 A compliance.
4. When performing this test, it is recommended that the DUT be soldered to avoid trace inductances, which may cause
over-stress conditions.


Similar Part No. - SI826X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI826X SILABS-SI826X Datasheet
1Mb / 40P
   Rail-to-rail output voltage
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
Silicon image
SI826X-EVB SILICONIMAGE-SI826X-EVB Datasheet
446Kb / 18P
   Si826X LED EMULATOR INPUT ISODRIVER EVALUATION BOARD USER?셎 GUIDE
More results

Similar Description - SI826X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
Silicon Laboratories
SI8715BC-A-IS SILABS-SI8715BC-A-IS Datasheet
1Mb / 35P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
logo
Analog Devices
ADUM3123 AD-ADUM3123 Datasheet
488Kb / 15P
   Isolated Precision Gate Driver, 4.0 A Output
ADUM4120 AD-ADUM4120 Datasheet
308Kb / 17P
   Isolated, Precision Gate Drivers with 2 A Output
logo
Texas Instruments
UCC5310_018 TI1-UCC5310_018 Datasheet
1Mb / 48P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5310 TI1-UCC5310_18 Datasheet
1Mb / 56P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com