Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM79L00 Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM79L00
Description  100mA NEGATIVE VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM79L00 Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM79L00 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 7Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 8Page - Gamma Microelectronics Inc. GM79L00 Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
GM79L00 Series
100mA NEGATIVE VOLTAGE REGULATOR
www.gammamicro.com.tw
Typical Application Circuit
Description
The GM79L00 series of fixed-voltage monolithic
integrated circuit voltage regulators is designed
for a wide range of applications. These
applications include on-card regulation for
elimination of noise and distribution problems
associated with single-point regulation. In
addition, they can be used with power-pass
elements to make high-current voltage regulators.
Each of these regulators can deliver up to 100mA
of output current. The internal limiting and thermal
shutdown features of these regulators make them
essentially immune to overload. When used a s a
replacement for a Zener diodes-resistor
combination, an effective improvement in output
impedance can be obtained together with lower-
bias current..
Features
Maximum output current up 100mA
Fixed output voltage options: -5V, -6V,
-8V, -9V, -12V, -15V, -18V and -24V
No external components required
Internal thermal overload protection
Internal short circuit current limiting
Available in TO-92, SOT-89 and SOP-8
packages
VIN
GM79Lxx
VOUT
CIN
0.33μF
COUT
0.1μF


Similar Part No. - GM79L00

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GM79L05 GTM-GM79L05 Datasheet
327Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
GM79L09 GTM-GM79L09 Datasheet
327Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - GM79L00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM79LXX ETC1-LM79LXX Datasheet
49Kb / 4P
   100mA Negative Voltage Regulator
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC79L05 ETC1-AMC79L05 Datasheet
387Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
SN79L05 KODENSHI-SN79L05 Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
logo
Panasonic Semiconductor
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
logo
NTE Electronics
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com