Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM358 Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM358
Description  LOW POWER DUAL OPERATIONAL AMPLIFERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM358 Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM358_12 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM358_12 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM358_12 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM358_12 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM358_12 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM358_12 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM358_12 Datasheet HTML 7Page - Gamma Microelectronics Inc. GM358_12 Datasheet HTML 8Page - Gamma Microelectronics Inc. GM358_12 Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
GM358
LOW POWER DUAL
OPERATIONAL AMPLIFERS
Absolute Maximum Ratings
PARAMETER
Symbol
RATINGS
UNITS
VCC
32
Supply Voltage
VCC, VEE
±16
V
Input Differential Voltage Range (Note 1)
VIDR
32
V
Input Common Mode Voltage Range (Note 2)
VICR
=0.3 to 32
V
Output Short Circuit Duration
tSC
Continuous
-
Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
0 to 70
°C
Storage Temperature
- 65 to 150
°C
Lead Temperature (soldering 10 sec.)
260
°C
ESD Tolerance – Human Body Mode
2,000
V
Note 1: Split Power Supplies
Note 2: For Supply less 40V, the absolute maximum input range is equal to the supply voltage
Block Diagram
VIN +
VIN -
VOUT
VCC
VIN +


Similar Part No. - GM358_12

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM358 GAMMA-GM358_1 Datasheet
146Kb / 8P
   LOW POWER DUAL OPERATIONAL AMPLIFERS
More results

Similar Description - GM358_12

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM358 GAMMA-GM358_1 Datasheet
146Kb / 8P
   LOW POWER DUAL OPERATIONAL AMPLIFERS
GM324 GAMMA-GM324 Datasheet
116Kb / 8P
   LOW POWER QUAD OPERATIONAL AMPLIFERS
logo
Microchip Technology
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
   Monolithic Auto-Zeroed Operational Amplifers
2001
logo
Texas Instruments
TLE206X TI1-TLE206X_13 Datasheet
2Mb / 83P
[Old version datasheet]   EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE POWER OPERATIONAL AMPLIFERS
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com