Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM431 Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM431
Description  2.5V ADJUSTABLE SHUNT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM431 Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM431_08 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM431_08 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM431_08 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM431_08 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM431_08 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM431_08 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM431_08 Datasheet HTML 7Page - Gamma Microelectronics Inc. GM431_08 Datasheet HTML 8Page - Gamma Microelectronics Inc. GM431_08 Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
GM431
2.5V ADJUSTABLE
SHUNT REGULATORS
Absolute Maximum Ratings
PARAMETER
SYMBOL
RATINGS
UNITS
Cathode Voltage
VKA
20
V
Continuous Cathode Current Range
IK
-100 to 150
mA
Reference Input Current Range
IREF
-50µA to 10mA
Power Dissipation at TA = 25°C
SOT-23
0.23
TO-92
0.78
SOT-89
0.8
SO-8
PD
0.6
W
Package Thermal Resistance
SOT-23
336
TO-92
132
SOT-89
132
SO-8
θJA
163
°C/W
Operating Ambient Temperature Range
TA
-40 - 125
°C
Storage Temperature
- 65 to 150
°C
Lead Temperature (soldering 10 sec.)
260
°C
Recommended Operating Conditions
PARAMETER
SYMBOL
Min
Max
UNITS
Cathode Voltage
VKA
VREF
18
V
Cathode Current
IK
10
100
mA
Equivalent Schematics
10k
20pF
800
800
20pF
3.28K
2.4K
7.2K
4K
1K
Cathode
Reference
Anode


Similar Part No. - GM431_08

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431A GAMMA-GM431A Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM431AS8B GAMMA-GM431AS8B Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431AS8R GAMMA-GM431AS8R Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431AS8RL GAMMA-GM431AS8RL Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
GM431AS8T GAMMA-GM431AS8T Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - GM431_08

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM431S GAMMA-GM431S Datasheet
543Kb / 11P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
B431 ETC1-B431 Datasheet
270Kb / 11P
   2.5V Adjustable Shunt Regulator
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431 Datasheet
225Kb / 14P
   2.5V ADJUSTABLE SHUNT REGULATOR
logo
Sipex Corporation
SPX3431 SIPEX-SPX3431 Datasheet
140Kb / 5P
   Micropower 2.5V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
   2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com