Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78108T Datasheet(PDF) 4 Page - EPCOS

Part # B78108T
Description  RF chokes, MCC series Ceramic or ferrite cylinder core
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78108T Datasheet(HTML) 4 Page - EPCOS

  B78108T_12 Datasheet HTML 1Page - EPCOS B78108T_12 Datasheet HTML 2Page - EPCOS B78108T_12 Datasheet HTML 3Page - EPCOS B78108T_12 Datasheet HTML 4Page - EPCOS B78108T_12 Datasheet HTML 5Page - EPCOS B78108T_12 Datasheet HTML 6Page - EPCOS B78108T_12 Datasheet HTML 7Page - EPCOS B78108T_12 Datasheet HTML 8Page - EPCOS B78108T_12 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Mounting information
When bending the leads, take care that the start-of-winding areas at the face ends (protected by
glue and lacquer) are not subjected to any mechanical stress.
Rated inductance LR
Measured with LCR meter Agilent 4284A
or impedance analyzer Agilent 4294A
Measuring frequency:
LR 10 H=
1 MHz
10 H < LR 4700 H = 100 kHz
Measuring current:
1 mA
Measuring temperature: +20 °C
Q factor Qmin
Measured with precision impedance analyzer Agilent 4294A,
+20 °C
Rated temperature TR
+40 C
Rated current IR
Maximum permissible DC current at rated temperature
Inductance decrease L/L0
10% (referred to initial value) at IR, +20 C
DC resistance Rmax
Measured at +20 C
Resonance frequency fres,min Measured with Agilent 4294A or 8753ES, +20 °C
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: +(245 5) °C, (3 0.3) s
Wetting of soldering area
90%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
+(260 5) °C, 10 s (to IEC 60068-2-20, test Tb)
Tensile strength of leads
20 N (to IEC 60068-2-21, test Ua)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted: –55 °C … +125 °C
Packaged: –25 °C … +40 °C,
75% RH
Weight
Approx. 0.25 g
B78108T, B78148T
RF chokes
MCC series, 3.3 x 7 (mm)


Similar Part No. - B78108T_12

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78108T1122K000 EPCOS-B78108T1122K000 Datasheet
191Kb / 9P
   Inductors
logo
TDK Electronics
B78108T1122K000 TDK-B78108T1122K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
logo
EPCOS
B78108T1123K000 EPCOS-B78108T1123K000 Datasheet
191Kb / 9P
   Inductors
logo
TDK Electronics
B78108T1123K000 TDK-B78108T1123K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
logo
EPCOS
B78108T3121K000 EPCOS-B78108T3121K000 Datasheet
191Kb / 9P
   Inductors
More results

Similar Description - B78108T_12

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78108T1102K000 TDK-B78108T1102K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
logo
EPCOS
B82733 EPCOS-B82733 Datasheet
124Kb / 2P
   Frame Core Chokes
B82732 EPCOS-B82732 Datasheet
65Kb / 2P
   Frame Core Chokes
logo
TDK Electronics
B82623G0001A003 TDK-B82623G0001A003 Datasheet
724Kb / 7P
   Power line chokes Ring core chokes with iron powder core
B82625B2102M001 TDK-B82625B2102M001 Datasheet
728Kb / 7P
   Power line chokes Ring core chokes with iron powder core
B66482G0000X608 TDK-B66482G0000X608 Datasheet
356Kb / 5P
   Ferrite core
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108S1185J009 TDK-B78108S1185J009 Datasheet
615Kb / 9P
   RF chokes, BC series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com