Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM432AT92RLG Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM432AT92RLG
Description  1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM432AT92RLG Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM432AT92RLG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM432AT92RLG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM432AT92RLG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM432AT92RLG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM432AT92RLG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM432AT92RLG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM432AT92RLG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM432AT92RLG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM432AT92RLG Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
GM432
1.24V ADJUSTABLE PRECISION
SHUNT REGULATORS
Marking Information and Pin Configurations (Top View)
SOT23
TO92
SOT89
Ordering Information
Ordering Number
Precision Device Code
Grade
Package
Shipping
GM432AT92BG
0.5%
A
TO-92
1,000 Units/Anti-ESD Bag
GM432AT92RLG
0.5%
A
TO-92
2,000 Units/Ammo Pack (Tape)
GM432AST23RG
0.5%
BBA
A
SOT-23
3,000 Units/Tape & Reel
GM432AST89RG
0.5%
A
SOT-89
1,000 Units/Tape & Reel
GM432AT92BG
1.0%
B
TO-92
1,000 Units/Anti-ESD Bag
GM432AT92RLG
1.0%
B
TO-92
2,000 Units/Ammo Pack (Tape)
GM432AST23RG
1.0%
BBB
B
SOT-23
3,000 Units/Tape & Reel
GM432AST89RG
1.0%
B
SOT-23
3,000 Units/Tape & Reel
BBgYW
1
Re
f
Anode
2
3
Cathode
432g
YWW
Ref 1 2
Anode
3 Cathod
e
432g
AYWW
2
Anode
3 Cathode
Ref 1
BB: Product code
g: Grade Code (A: 0.5%, B: 1.0%)
A: Assembly/Test Site Code
Y: Year
W: Week code
WW: Week


Similar Part No. - GM432AT92RLG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432AT92RL GAMMA-GM432AT92RL Datasheet
229Kb / 13P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - GM432AT92RLG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432 Datasheet
229Kb / 13P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com