Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78108T3821K000 Datasheet(PDF) 3 Page - EPCOS

Part # B78108T3821K000
Description  RF chokes, MCC series Ceramic or ferrite cylinder core
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78108T3821K000 Datasheet(HTML) 3 Page - EPCOS

  B78108T3821K000 Datasheet HTML 1Page - EPCOS B78108T3821K000 Datasheet HTML 2Page - EPCOS B78108T3821K000 Datasheet HTML 3Page - EPCOS B78108T3821K000 Datasheet HTML 4Page - EPCOS B78108T3821K000 Datasheet HTML 5Page - EPCOS B78108T3821K000 Datasheet HTML 6Page - EPCOS B78108T3821K000 Datasheet HTML 7Page - EPCOS B78108T3821K000 Datasheet HTML 8Page - EPCOS B78108T3821K000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawings
B78108T (axial leads, taped)
Dimensions in mm
B78148T (central radial leads, taped)
Packing
7 max.
9.8 max.
IND0427-U-E
6±0.5
65±1
lacquered
(IEC 60294)
3.5 min.
53±2
Minimum lead spacing 10 mm
IND0630-V-E
2 max.
2 max.
3.8±0.7
12.7±0.3
0.6 max.
1.3 max.
1.3 max.
4±0.2
0.1
5
+0.6
_
ø3.3 max.
insulated
IND0629-B
Thickness of tape
IND0631-B-E
H
W
L
n (mm): Axial 72 +1, radial 42 +1
w (mm): Axial 84 max., radial 54 max.
L
W
H (max. mm):
Axial: 310
75
120, radial: 340
50
210
n
w
30
30
Label
IND0452-V-E
B78108T, B78148T
RF chokes
MCC series, 3.3 x 7 (mm)


Similar Part No. - B78108T3821K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78108T3821K000 EPCOS-B78108T3821K000 Datasheet
191Kb / 9P
   Inductors
More results

Similar Description - B78108T3821K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78108T1102K000 TDK-B78108T1102K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
logo
EPCOS
B82733 EPCOS-B82733 Datasheet
124Kb / 2P
   Frame Core Chokes
B82732 EPCOS-B82732 Datasheet
65Kb / 2P
   Frame Core Chokes
logo
TDK Electronics
B82623G0001A003 TDK-B82623G0001A003 Datasheet
724Kb / 7P
   Power line chokes Ring core chokes with iron powder core
B82625B2102M001 TDK-B82625B2102M001 Datasheet
728Kb / 7P
   Power line chokes Ring core chokes with iron powder core
B66482G0000X608 TDK-B66482G0000X608 Datasheet
356Kb / 5P
   Ferrite core
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108S1185J009 TDK-B78108S1185J009 Datasheet
615Kb / 9P
   RF chokes, BC series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com