Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM4275TC5RG Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM4275TC5RG
Description  WIDE INPUT RANGE 5V LOW DROPOUT REGULATOR WITH RESET FLAG
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM4275TC5RG Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM4275TC5RG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM4275TC5RG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM4275TC5RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM4275TC5RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM4275TC5RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM4275TC5RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM4275TC5RG Datasheet HTML 7Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
GM4275
WIDE INPUT RANGE
5V LOW DROPOUT REGULATOR
WITH RESET FLAG
Electrical Characteristics (TJ = -40°C to 150°C, VIN=13.5V, unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output
Output voltage
VQ
5mA < IQ < 400mA
6V < VI < 40V
4.9
5.0
5.1
V
Output current limitation
(Note 1)
IQ
-
450
700
-
mA
Iq1
IQ = 1mA, TJ = 25°C
-
150
200
μA
Iq2
IQ = 1mA, TJ = 85°C
-
150
220
μA
Iq3
IQ = 250mA
-
5
10
mA
Current Consumption;
Iq=II - IQ
Iq4
IQ = 400mA
-
12
22
mA
Dropout Voltage
Vdr
IQ = 300mA, Vdr = VI - VQ
-
250
500
mV
Line Regulation
ΔVQI
VI = 8V to 32V, IQ = 5mA
-
15
30
mV
Load Regulation
ΔVQL
IQ = 5mA to 400mA
-15
5
15
mV
Power supply ripple
rejection
PSRR
fr = 100Hz, Vr = 0.5VPP
-
60
-
dB
Temperature output
voltage drift
dVQ/dT
-
0.5
-
mV/K
Reset Timing D and Output RQ
Reset switching threshold
VRT
4.5
4.65
4.8
V
Reset output low voltage
VRQL
REXT 5K, VQ > 1V
-
0.2
0.4
V
Reset output leakage current
IRQH
VRQH > 4.5V
-
0
2
μA
Reset charging current
Id
VD = 1V
3
6
9
μA
Upper timing threshold
VDU
-
1.5
1.8
2.2
V
Lower timing threshold
VDL
-
0.2
0.4
0.7
V
Reset Delay time
td
CD = 47nF
10
16
22
ms
Reset reaction time
tRR
CD = 47nF
-
0.5
2
μs
Note 1. Measured when the output voltage VQ has dropped 100mV from the nominal value obtained at VI = 13.5V


Similar Part No. - GM4275TC5RG

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GM400 IVO-GM400 Datasheet
774Kb / 6P
   Absolute encoders - SSI
logo
3M Electronics
GM400 3M-GM400 Datasheet
37Kb / 4P
   3M??Gripping Material
logo
Baumer IVO GmbH & Co. K...
GM400.0101102 IVO-GM400.0101102 Datasheet
774Kb / 6P
   Absolute encoders - SSI
GM400.0101104 IVO-GM400.0101104 Datasheet
774Kb / 6P
   Absolute encoders - SSI
GM400.0101106 IVO-GM400.0101106 Datasheet
774Kb / 6P
   Absolute encoders - SSI
More results

Similar Description - GM4275TC5RG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8004AS TOSHIBA-TA8004AS Datasheet
280Kb / 8P
   5V LOW DROPOUT REGULATOR WITH RESET TIMER
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
R1150H RICOH-R1150H_17 Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
ON Semiconductor
NCP4623HMXADJTCG ONSEMI-NCP4623HMXADJTCG Datasheet
379Kb / 20P
   150 mA, Wide Input Voltage Range, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
Sanyo Semicon Device
LA5601 SANYO-LA5601 Datasheet
196Kb / 8P
   Low Dropout Regulator with Reset
logo
Cherry Semiconductor Co...
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
   5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com