Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43310A5398M000 Datasheet(PDF) 9 Page - EPCOS

Part # B43310A5398M000
Description  Aluminum electrolytic capacitors Capacitors with screw terminals
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43310A5398M000 Datasheet(HTML) 9 Page - EPCOS

Back Button B43310A5398M000 Datasheet HTML 5Page - EPCOS B43310A5398M000 Datasheet HTML 6Page - EPCOS B43310A5398M000 Datasheet HTML 7Page - EPCOS B43310A5398M000 Datasheet HTML 8Page - EPCOS B43310A5398M000 Datasheet HTML 9Page - EPCOS B43310A5398M000 Datasheet HTML 10Page - EPCOS B43310A5398M000 Datasheet HTML 11Page - EPCOS B43310A5398M000 Datasheet HTML 12Page - EPCOS B43310A5398M000 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Cautions and warnings
敬告和警告
敬告和警告
敬告和警告
敬告和警告
Published by EPCOS (Xiamen) Co., Ltd
厦门 EPCOS 有限公司发行
Page 9 of 13
Product safety
The table below summarizes the safety instructions that must be observed without fail. A detailed
description can be found in the relevant sections of Data Book 2007 – Aluminum Electrolytic
Capacitors, chapter "General technical information".
Topic
Safety Information
Reference
Chapter ‘General technical
information”
Polarity
Make sure that polar capacitors are
connected with the right polarity.
1
“Basic construction of aluminum
electrolytic capacitors”
Reverse voltage
Voltages polarity classes should be
prevented by connecting a diode.
3.1.6
“reverse voltage”
Upper category temperature
Do not exceed the upper category
temperature.
7.2
“Maximum permissible operating
temperature”
Maintenance
Make periodic inspections of the
capacitors.
Before the inspection, make sure
that the power supply is turned off
and carefully discharge the
electricity of the capacitors.
Do not apply any mechanical stress
to the capacitor terminals.
10
“Maintenance”
Mounting position of screw terminal
capacitors
Do not mount the capacitor with the
terminals (safety vent) upside
down.
11.1.
“Mounting positions of capacitors
with screw terminals”
Mounting of single-ended
capacitors
The internal structure of single-
ended capacitors might be
damaged if excessive force is
applied to the lead wires.
Avoid any compressive, tensile or
flexural stress.
Do not move the capacitor after
soldering to PC board.
11.4
“Mounting considerations for
single-ended capacitors”
Robustness of terminals
The following maximum tightening
torques must not be exceeded
when connecting screw terminals:
M5: 2 Nm
M6: 2.5 Nm
11.3
“Mounting torques”
Soldering
Do not exceed the specified time or
temperature limits during soldering.
11.5
“Soldering”


Similar Part No. - B43310A5398M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43310A9478M EPCOS-B43310A9478M Datasheet
240Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B43310A5398M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41560 TDK-B41560 Datasheet
452Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41456 TDK-B41456 Datasheet
449Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41550 TDK-B41550 Datasheet
464Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41554 TDK-B41554 Datasheet
410Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
EPCOS
B44020 EPCOS-B44020 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com