Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6603-ATA3T Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM6603-ATA3T
Description  3.0A LOW DROPOUT PRECISION REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6603-ATA3T Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM6603-ATA3T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6603-ATA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
GM6603
3.0A LOW DROPOUT
PRECISION REGULATOR
Applications
Microprocessor Supply
Post Regulators for Switching Supplies
Telecommunication Systems
Printer Supplies
Motherboards
Typical Application Circuit
Fixed Output Voltage Version
Adjustable Output Voltage Version
Notes:
1.
CIN needed if device is far from filter capacitors
2.
COUT minimum value required for stability
Description
GM6603 series of positive adjustable and fixed
regulators is designed to provide 3A output current
with low dropout voltage performance.
On-chip trimming adjusts the reference voltage with
an accuracy of ±2%. Besides the features
mentioned, GM6603 works well in post regulators
or micro-processor power supplies where low
voltage operation and fast transient response are
required. GM6603 includes over current protection
and thermal shutdown protection as well.
GM6605 is available in TO-220 and surface-mount TO-
252 and TO-263 packages.
Features
Adjustable or Fixed Output
Output Current of 3.0A
Low Dropout, 1.15V max at 3A
Output Current
0.04% Line Regulation
0.2 % Load Regulation
Current Limit Protection
100% Thermal Limit Burn-In
Fast Transient Response
VIN > 4.75V
GM6603-3.3
VOUT = 3.3V
3.0A
CIN
10
μF
COUT
10
μF
GM6603-adj
R1
133
1%
R2
232
1%
3
VIN
2
VOUT
1
GND
VIN > 4.75V
3
VIN
2
VOUT
1
ADJ
VOUT =3.45V
3.0A
CIN
10
μF
COUT
10
μF


Similar Part No. - GM6603-ATA3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603-ATA3T ETC2-GM6603-ATA3T Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603-ATA3T GAMMA-GM6603-ATA3T Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603-ATA3T GAMMA-GM6603-ATA3T Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6603-ATA3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
Unisonic Technologies
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Calogic, LLC
CLM2830 CALOGIC-CLM2830 Datasheet
40Kb / 4P
   3.0A Low Dropout Voltage Regulator Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com