Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78148T3151K000 Datasheet(PDF) 7 Page - EPCOS

Part # B78148T3151K000
Description  RF chokes, MCC series Ceramic or ferrite cylinder core
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78148T3151K000 Datasheet(HTML) 7 Page - EPCOS

  B78148T3151K000 Datasheet HTML 1Page - EPCOS B78148T3151K000 Datasheet HTML 2Page - EPCOS B78148T3151K000 Datasheet HTML 3Page - EPCOS B78148T3151K000 Datasheet HTML 4Page - EPCOS B78148T3151K000 Datasheet HTML 5Page - EPCOS B78148T3151K000 Datasheet HTML 6Page - EPCOS B78148T3151K000 Datasheet HTML 7Page - EPCOS B78148T3151K000 Datasheet HTML 8Page - EPCOS B78148T3151K000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
06/12
Impedance |Z| versus frequency f
measured with impedance analyzer Agilent
4294A or S-parameter network analyzer
Agilent 8753ES, typical values at +20 °C
Q factor versus frequency f
measured with impedance analyzer
Agilent 4294A, typical values at +20 °C
Inductance L versus DC load current IDC
measured with LCR meter Agilent 4284A,
typical values at +20 °C
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = +40 C)
IND0112-N
10 0
10 6
f
10 7
10 8
10 9
10 1
10 2
10 3
10 4
10 5
10 6
Ω
0.1 μH
1 μH
10 μH
100 μH
Hz
B781*8T
|Z|
IND0114-H
Q
f
0
50
100
8
10
7
10
6
10
10 5
Hz
10 4
100 μH
10 μH
1 μH
0.1 μH
B781*8T
IND0113-B
L
10
10
I
10
10 0
10 1
DC
10
10 0
10 1
10 2
10 3
100 μH
10 μH
1 μH
0.1 μH
A
μH
_2
1
_
2
_
1
_
B781*8T
IND0552-S-E
0
0
op
I
R
I
T
A
20
40
60
80
100
140
0.2
0.4
0.6
0.8
1.0
1.2
C
˚
B78108T, B78148T
RF chokes
MCC series, 3.3 x 7 (mm)


Similar Part No. - B78148T3151K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78148T EPCOS-B78148T Datasheet
191Kb / 9P
   Inductors
logo
TDK Electronics
B78148T1102K000 TDK-B78148T1102K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
B78148T1103K000 TDK-B78148T1103K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
B78148T1104K000 TDK-B78148T1104K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
B78148T1122K000 TDK-B78148T1122K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
More results

Similar Description - B78148T3151K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78108T1102K000 TDK-B78108T1102K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
logo
EPCOS
B82733 EPCOS-B82733 Datasheet
124Kb / 2P
   Frame Core Chokes
B82732 EPCOS-B82732 Datasheet
65Kb / 2P
   Frame Core Chokes
logo
TDK Electronics
B82623G0001A003 TDK-B82623G0001A003 Datasheet
724Kb / 7P
   Power line chokes Ring core chokes with iron powder core
B82625B2102M001 TDK-B82625B2102M001 Datasheet
728Kb / 7P
   Power line chokes Ring core chokes with iron powder core
B66482G0000X608 TDK-B66482G0000X608 Datasheet
356Kb / 5P
   Ferrite core
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108S1185J009 TDK-B78108S1185J009 Datasheet
615Kb / 9P
   RF chokes, BC series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com