Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6655-AST25RG Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM6655-AST25RG
Description  600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6655-AST25RG Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

  GM6655-AST25RG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6655-AST25RG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6655-AST25RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6655-AST25RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6655-AST25RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6655-AST25RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6655-AST25RG Datasheet HTML 7Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
GM6655
600mA LOW DROPOUT CMOS VOLTAGE
REGULATOR WITH ENABLE FUNCTION
Pad Layout
0.028
1.0
(Inches )
0.039
0.094
2.4
0.037
0.95
0.037
0.95
0.074
1.9
0.7
mm
0.13
0~0.1
0.8 ± 0.05
2.9 ± 0.1
2.8 ±
0.35 ± 0.03
1.9 ± 0.05
0.95 ± 0.038
1.5 ± 0.05
0.1
0.65 ± 0.05
1.10 ± 0.1
Unit:mm
Package Outline Dimensions – SOT 25


Similar Part No. - GM6655-AST25RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66500 GAMMA-GM66500 Datasheet
214Kb / 11P
   5A ULTRA LOW - DROPOUT REGULATOR
GM66500-1.8TA3R GAMMA-GM66500-1.8TA3R Datasheet
214Kb / 11P
   5A ULTRA LOW - DROPOUT REGULATOR
GM66500-1.8TA3T GAMMA-GM66500-1.8TA3T Datasheet
214Kb / 11P
   5A ULTRA LOW - DROPOUT REGULATOR
GM66500-1.8TB3T GAMMA-GM66500-1.8TB3T Datasheet
214Kb / 11P
   5A ULTRA LOW - DROPOUT REGULATOR
GM66500-2.5TA3R GAMMA-GM66500-2.5TA3R Datasheet
214Kb / 11P
   5A ULTRA LOW - DROPOUT REGULATOR
More results

Similar Description - GM6655-AST25RG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
TS1123 TSC-TS1123 Datasheet
199Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS1123 TSC-TS1123_08 Datasheet
189Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
   300mA CMOS Low Dropout Voltage Regulator with Enable
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
   1A Ultra Low Dropout Voltage Regulator with Enable Function
logo
Acutechnology Semicondu...
AQ1541 ACUTECH-AQ1541 Datasheet
664Kb / 10P
   Low Dropout 1 Amp Voltage Regulator with Enable Function
logo
Taiwan Semiconductor Co...
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
   80mA CMOS Low Dropout Voltage Regulator with Enable
TS9010 TSC-TS9010 Datasheet
97Kb / 4P
   150mA CMOS Low Dropout Voltage Regulator with Enable
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
   600mA Low Dropout CMOS Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com