Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82464G4333M000 Datasheet(PDF) 5 Page - EPCOS

Part # B82464G4333M000
Description  SMT power inductors Size 10.4 x 10.4 x 4.8 (mm) Ferrite core
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82464G4333M000 Datasheet(HTML) 5 Page - EPCOS

  B82464G4333M000 Datasheet HTML 1Page - EPCOS B82464G4333M000 Datasheet HTML 2Page - EPCOS B82464G4333M000 Datasheet HTML 3Page - EPCOS B82464G4333M000 Datasheet HTML 4Page - EPCOS B82464G4333M000 Datasheet HTML 5Page - EPCOS B82464G4333M000 Datasheet HTML 6Page - EPCOS B82464G4333M000 Datasheet HTML 7Page - EPCOS B82464G4333M000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Sample kit available. Ordering code: B82464X004
For more information refer to chapter “Sample kits”.
LR
H
Tolerance fL
MHz
IR
A
Isat
A
Rmax
Ordering code
0.82
20%
M 0.1
7.60
10.3
0.007
B82464G4821M000
1.0
0.1
7.50
10.0
0.007
B82464G4102M000
1.5
0.1
7.00
8.50
0.009
B82464G4152M000
2.2
0.1
6.50
7.00
0.010
B82464G4222M000
3.3
0.1
5.50
5.90
0.012
B82464G4332M000
4.7
0.1
4.90
5.20
0.015
B82464G4472M000
6.8
0.1
4.30
4.60
0.020
B82464G4682M000
10
0.1
3.40
3.50
0.030
B82464G4103M000
15
0.1
2.75
3.10
0.040
B82464G4153M000
22
0.1
2.25
2.50
0.052
B82464G4223M000
33
0.1
1.85
2.10
0.075
B82464G4333M000
47
0.1
1.55
1.80
0.095
B82464G4473M000
68
0.1
1.30
1.45
0.13
B82464G4683M000
100
0.1
1.05
1.15
0.22
B82464G4104M000
150
0.1
0.85
0.90
0.32
B82464G4154M000
220
0.1
0.70
0.75
0.44
B82464G4224M000
330
0.1
0.59
0.65
0.65
B82464G4334M000
470
0.1
0.50
0.55
0.93
B82464G4474M000
680
0.1
0.42
0.46
1.30
B82464G4684M000
1000
0.1
0.34
0.35
2.20
B82464G4105M000
^
B82464G4
SMT power inductors
Size 10.4 x 10.4 x 4.8 (mm)


Similar Part No. - B82464G4333M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82464G4333M000 EPCOS-B82464G4333M000 Datasheet
181Kb / 8P
   SMT power inductors
B82464G4333M000 EPCOS-B82464G4333M000 Datasheet
536Kb / 8P
   SMT power inductors
More results

Similar Description - B82464G4333M000

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM6448-A HANTRONIX-HDM6448-A Datasheet
26Kb / 1P
   640 X 480 10.4 VGA Monochrome
HDM6448C HANTRONIX-HDM6448C Datasheet
51Kb / 1P
   640 X 480 10.4 VGA Color
logo
EPCOS
B82462G4 EPCOS-B82462G4 Datasheet
542Kb / 8P
   SMT power inductors Size 6.3 x 6.3 x 3.0 (mm) Magnetically shielded
logo
AAEON Technology
AWK-3004 AAEON-AWK-3004 Datasheet
671Kb / 2P
   10.4??VGA (640 x 480) Color TFT LCD
logo
Transko Electronics, In...
CS1042 TRANSKO-CS1042 Datasheet
244Kb / 1P
   PLASTIC MOLDED SMD TUNING FORK CRYSTAL (10.4 x 4.0 x 3.6mm)
Rev. 0: Aug, 2020
CS1041 TRANSKO-CS1041 Datasheet
244Kb / 1P
   PLASTIC MOLDED SMD TUNING FORK CRYSTAL (10.4 x 4.0 x 3.6mm)
Rev. 0: Aug, 2020
logo
EPCOS
B82479A1 EPCOS-B82479A1 Datasheet
541Kb / 7P
   SMT power inductors Size 18.54 x 15.24 x 7.11 (mm) Winding: enamel copper wire
logo
Hantronix,Inc
HDM6448ATSC HANTRONIX-HDM6448ATSC Datasheet
91Kb / 1P
   640 X 480 10.4 VGA Color w/Touch Screen
logo
Schneider Electric
HMIGK5310 SCHNEIDER-HMIGK5310 Datasheet
158Kb / 8P
   Keypad-touchscreen panel color - 640 x 480 pixels VGA -10.4
May 2, 2022
logo
Hantronix,Inc
HDA1040S-G HANTRONIX-HDA1040S-G Datasheet
2Mb / 21P
   10.4?? TFT SVGA (800 X 600) COLOR LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com