Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43330A9228M000 Datasheet(PDF) 4 Page - EPCOS

Part # B43330A9228M000
Description  Aluminum electrolytic capacitors Capacitors with screw terminals
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43330A9228M000 Datasheet(HTML) 4 Page - EPCOS

  B43330A9228M000 Datasheet HTML 1Page - EPCOS B43330A9228M000 Datasheet HTML 2Page - EPCOS B43330A9228M000 Datasheet HTML 3Page - EPCOS B43330A9228M000 Datasheet HTML 4Page - EPCOS B43330A9228M000 Datasheet HTML 5Page - EPCOS B43330A9228M000 Datasheet HTML 6Page - EPCOS B43330A9228M000 Datasheet HTML 7Page - EPCOS B43330A9228M000 Datasheet HTML 8Page - EPCOS B43330A9228M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
B43310, B43330
Standard industrial 标准工业
标准工业
标准工业
标准工业 – 85 ˚C
Please read Cautions
& warnings and Important notes at the end of this document.
请阅读本文件结尾部分的
敬告和警告及重要事项.
Published by EPCOS (Xiamen) Co., Ltd
厦门 EPCOS 有限公司发行
Page 4 of 13
Ripple current capability
纹波电流
纹波电流
纹波电流
纹波电流能力
能力
能力
能力
Due to the ripple current capability of the contact elements, the following current upper limits must not
be exceeded: 由于接触元件的纹波电流容量,不得超过以下电流上限:
Capacitor diameter d
电容器直径 d
51.6 mm
64.3 mm
76.9 mm
91.0 mm
IAC,max 最大电流
34 A
45 A
57 A
80 A
Dimensional drawings 尺寸
尺寸
尺寸
尺寸图
B43310
Ring clip/clamp mounting
开口环、夹安装
B43330
Threaded stud mounting
螺栓安装
d
KAL1127-X-E
+
M5: Min. reach of screw = 8 mm
Positive pole marking: +
M6: Min. reach of screw = 10 mm
l1
l
KAL0989-W
l
1
l
l2
For B43330 capacitors with threaded stud and d ≤ 76.9 mm the base is not insulated. For details,
refer to “Data Book 2007 – Aluminum Electrolytic Capacitors”,
B43330 采用螺栓装配且 d ≤ 76.9 mm 的 型号的基板未做绝缘处理。详细信息,参考“2007 年数据手册
-铝电解电容器”
Dimension and weights 尺寸和重量
尺寸和重量
尺寸和重量
尺寸和重量
Dimensions(mm)with insulating sleeves 含绝缘套管的尺寸(mm)
Terminal
端子
d
l +3/-0
l1 +3/-0
l2 +0/-1
d1
d2 max.
a +0.2/-0.4
Approx. weight (g)
大约重量(克)
M5
51.6 +0/-0.8
130
136.5
17
M12
11.4
22.2
350
M5
64.3 +0/-0.8
96
102.5
17
M12
13.2
28.5
400
M5
64.3 +0/-0.8
115
121.5
17
M12
13.2
28.5
490
M5
64.3 +0/-0.8
130
136.5
17
M12
13.2
28.5
540
M6
76.9 +0/-0.7
115
120.8
17
M12
17.7
31.7
620
M6
76.9 +0/-0.7
130
135.8
17
M12
17.7
31.7
770
M6
76.9 +0/-0.7
155
160.8
17
M12
17.7
31.7
990
M6
91.0 +0/-2
157
162.5
17
M12
17.7
31.7
1400
M6
91.0 +0/-2
196
201.5
17
M12
17.7
31.7
1600
M6
91.0 +0/-2
220
225.5
17
M12
17.7
31.7
1900


Similar Part No. - B43330A9228M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43330 EPCOS-B43330 Datasheet
240Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B43330A9228M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41560 TDK-B41560 Datasheet
452Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41456 TDK-B41456 Datasheet
449Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41550 TDK-B41550 Datasheet
464Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41554 TDK-B41554 Datasheet
410Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
EPCOS
B44020 EPCOS-B44020 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com