Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43330A9278M000 Datasheet(PDF) 3 Page - EPCOS

Part # B43330A9278M000
Description  Aluminum electrolytic capacitors Capacitors with screw terminals
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43330A9278M000 Datasheet(HTML) 3 Page - EPCOS

  B43330A9278M000 Datasheet HTML 1Page - EPCOS B43330A9278M000 Datasheet HTML 2Page - EPCOS B43330A9278M000 Datasheet HTML 3Page - EPCOS B43330A9278M000 Datasheet HTML 4Page - EPCOS B43330A9278M000 Datasheet HTML 5Page - EPCOS B43330A9278M000 Datasheet HTML 6Page - EPCOS B43330A9278M000 Datasheet HTML 7Page - EPCOS B43330A9278M000 Datasheet HTML 8Page - EPCOS B43330A9278M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
B43310, B43330
Standard industrial 标准工业
标准工业
标准工业
标准工业 – 85 ˚C
Please read Cautions
& warnings and Important notes at the end of this document.
请阅读本文件结尾部分的
敬告和警告及重要事项.
Published by EPCOS (Xiamen) Co., Ltd
厦门 EPCOS 有限公司发行
Page 3 of 13
Specifications and characteristics in brief 规格及特点简介
规格及特点简介
规格及特点简介
规格及特点简介
Rated voltage VR
额定电压 V
R
400 … 450 V DC
Surge voltage VS
浪涌电压 V
S
1.10 · VR
Rated capacitance CR
额定电容 C
R
1800 … 15000 µF
Capacitance tolerance
电容量偏差
±20%
M
Leakage current Ileak
漏电流 I
leak
(20 ˚C, 5 minutes)
0.008 C·V [µA] or 5 mA whichever is smaller
0.008 C·V [µA] 或 5 mA 取小值
C = Rated Capacitance [µF], V = Rated Voltage [V]
C = 额定容值 [µF], V = 额定电压 [V]
tan δmax. (20 °C, 120 Hz)
耗角正切
max. (20 °C, 120 Hz)
0.2
C/C
容量变化
Less than ±15% of initial value
小于初始值±15%
tan δ
损耗角正切
Not more than 175% of specified value
不超过 175%规定值
Load life
负载寿命
85 ˚C; VR; IAC,R
2000 h (小时)
Ileak
漏电流
Less than specified value
小于规定值
Vibration resistance test
抗振试验
To IEC 60068-2-6, test Fc:
Displacement amplitude 0.75 mm, frequency range 10 ... 55 Hz,
acceleration max. 10 g, duration 3 × 2 h.
Capacitor mounted by its body which is rigidly clamped to the work surface.
符合 IEC 60068-2-6,试验 Fc:
位移幅值: 0.75 mm;频率范围:10 ... 55 Hz;
最大加速度:10 g;持续时间:3 X 2h。
电容器本身牢固地固定在工作表面。
IEC climatic category
IEC 气候种类
To IEC 60068-1:
25/085/56 (−25 ˚C/+85 ˚C/56 days damp heat test)
符合 IEC 60068-1:
25/085/56(−25 ˚C/+85 ˚C/56 天, 湿热试验)
Detail specification
详细规格
Sectional specification
局部规格
Similar to CECC 30301-810
与 CECC 30301-810 相似
IEC 60384-4


Similar Part No. - B43330A9278M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43330 EPCOS-B43330 Datasheet
240Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B43330A9278M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41560 TDK-B41560 Datasheet
452Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41456 TDK-B41456 Datasheet
449Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41550 TDK-B41550 Datasheet
464Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41554 TDK-B41554 Datasheet
410Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
EPCOS
B44020 EPCOS-B44020 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com