Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSMG10850 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSMG10850
Description  New VSMG10850 and VSMB10940 Infrared Emitters and VEMD10940F Silicon PIN Photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSMG10850 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSMG10850 Datasheet HTML 1Page - Vishay Siliconix VSMG10850 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Group: Vishay Optoelectronics, Sensors / May 2013
The Key Specifications:
Infrared emitters
Part #
VSMG10850
VSMB10940
Peak wavelength
850 nm
940 nm
Technology
GaAIAs double hetero
GaAIAs multi quantum well
Radiant intensity
1 mW/sr typical
1 mW/sr typical
Switching times
15 ns
15 ns
Forward voltage
1.4 V typical
1.3 V typical
Photodiode
Part #
VEMD10940F
Radiant sensitivity
780 nm to 1050 nm
Wavelength of peak sensitivity
920 nm
Dark current
1 nA
Reverse light current
3 µA
Market Applications:
IR touch panels for devices such as printer displays, eBook readers, smart phones, tablets,
ultrabooks, and GPS units
The Perspective:
With their low profiles of 1 mm, the VSMG10850, VSMB10940, and VEMD10940F are optimized for
use in IR touch panels in a wide range of devices. Offered in clear, untinted plastic packages, the
940 nm VSMB10940 and 850 nm VSMG10850 IR emitters provide high radiant intensity of 1 mW/sr
typical at 20 mA – up to 33% higher than comparable devices on the market – and fast switching
times of 15 ns. Offering high radiant sensitivity from 780 nm to 1050 nm, the VEMD10940F
photodiode features a daylight blocking filter matched with 830 nm to 950 nm IR emitters, including
the VSMG10850 and VSMB10940.
Availability: Samples and production quantities of the new IR emitters and photodiode are available
now, with lead times of six to eight weeks.
To access the product datasheets on the Vishay Web site, go to
http://www.vishay.com/doc?84170 (VSMB10940)
http://www.vishay.com/doc?84171 (VEMD10940F)
http://www.vishay.com/doc?84172 (VSMG10850)
Contact Information:
The Americas
Mr. Dale Henderson
dale.henderson@vishay.com
Europe
Mr. Kai Rottenberger
kai.rottenberger@vishay.com
Asia/Pacific
Mr. Jason Soon
jason.soon@Vishay.com


Similar Part No. - VSMG10850

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMG10850 VISHAY-VSMG10850 Datasheet
293Kb / 2P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs, DH
May 2013
VSMG10850 VISHAY-VSMG10850 Datasheet
293Kb / 6P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs, DH
Rev. 1.3, 28-May-13
VSMG10850 VISHAY-VSMG10850_13 Datasheet
293Kb / 6P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs, DH
Rev. 1.3, 28-May-13
More results

Similar Description - VSMG10850

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
   Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
logo
OSRAM GmbH
SFH4650 OSRAM-SFH4650_13 Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
logo
Vishay Siliconix
TFDU2201 VISHAY-TFDU2201 Datasheet
227Kb / 9P
   Low Profile Transceiver Module PIN Photodiode and Infrared Emitter
Rev. 1.1, 08-Dec-04
logo
OSRAM GmbH
SFH-4516 OSRAM-SFH-4516 Datasheet
183Kb / 11P
   GaAs Infrared Emitters
SFH-4585 OSRAM-SFH-4585 Datasheet
186Kb / 14P
   GaAlAs Infrared Emitters
SFH-485 OSRAM-SFH-485 Datasheet
168Kb / 13P
   GaAlAs Infrared Emitters
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com