Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82442H1823+000 Datasheet(PDF) 6 Page - EPCOS

Part # B82442H1823+000
Description  SMT inductors SIMID series, SIMID 2220-H Upright ferrite drum core
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442H1823+000 Datasheet(HTML) 6 Page - EPCOS

  B82442H1823+000 Datasheet HTML 1Page - EPCOS B82442H1823+000 Datasheet HTML 2Page - EPCOS B82442H1823+000 Datasheet HTML 3Page - EPCOS B82442H1823+000 Datasheet HTML 4Page - EPCOS B82442H1823+000 Datasheet HTML 5Page - EPCOS B82442H1823+000 Datasheet HTML 6Page - EPCOS B82442H1823+000 Datasheet HTML 7Page - EPCOS B82442H1823+000 Datasheet HTML 8Page - EPCOS B82442H1823+000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
10/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering code
Closer tolerances on request.
Higher currents possible at temperatures <TR on request.
Sample kit available. Ordering code: B82442X001
For more information refer to chapter “Sample kits”.
1) Replace the + by the code letter for the required inductance tolerance.
2) For Ni-barrier-plated terminals replace the last two digits “00” by “50”.
LR
PH
Tolerance
Qmin
fL; fQ
MHz
IR
mA
Rmax
:
fres,min
MHz
Ordering code1)2)
180
r5% J
r10% K
20
0.796
270
2.24
4.4
B82442H1184+000
220
20
0.796
240
2.72
3.9
B82442H1224+000
270
20
0.796
220
3.36
3.6
B82442H1274+000
330
20
0.796
200
3.92
3.2
B82442H1334+000
390
20
0.796
180
4.64
2.9
B82442H1394+000
470
20
0.796
170
5.60
2.6
B82442H1474+000
560
20
0.796
150
6.80
2.4
B82442H1564+000
680
20
0.796
140
8.00
2.2
B82442H1684+000
820
20
0.796
130
10.4
2.0
B82442H1824+000
1000
30
0.252
120
12.0
1.8
B82442H1105+000
1200
30
0.252
105
13.6
1.5
B82442H1125+000
1500
30
0.252
100
16.0
1.4
B82442H1155+000
1800
30
0.252
85
24.0
1.3
B82442H1185+000
2200
30
0.252
75
28.0
1.2
B82442H1225+000
2700
30
0.252
65
44.0
1.1
B82442H1275+000
3300
30
0.252
55
48.0
1.0
B82442H1335+000
3900
30
0.252
53
56.0
1.0
B82442H1395+000
4700
30
0.252
50
62.4
0.9
B82442H1475+000
5600
30
0.252
46
68.0
0.8
B82442H1565+000
6800
30
0.252
42
88.0
0.7
B82442H1685+000
8200
30
0.252
39
100
0.6
B82442H1825+000
10000
30
0.0796
35
120
0.5
B82442H1106+000
^
^
B82442H
SMT inductors, SIMID series
SIMID 2220-H


Similar Part No. - B82442H1823+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442H1823+000 EPCOS-B82442H1823+000 Datasheet
163Kb / 9P
   SMT inductors
More results

Similar Description - B82442H1823+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432T EPCOS-B82432T_12 Datasheet
476Kb / 8P
   SMT inductors SIMID series, SIMID 1812-T Upright ferrite drum core
B82422H EPCOS-B82422H_12 Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H Ferrite drum core
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com