Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82432T1124K000 Datasheet(PDF) 4 Page - EPCOS

Part # B82432T1124K000
Description  SMT inductors SIMID series, SIMID 1812-T Upright ferrite drum core
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82432T1124K000 Datasheet(HTML) 4 Page - EPCOS

  B82432T1124K000 Datasheet HTML 1Page - EPCOS B82432T1124K000 Datasheet HTML 2Page - EPCOS B82432T1124K000 Datasheet HTML 3Page - EPCOS B82432T1124K000 Datasheet HTML 4Page - EPCOS B82432T1124K000 Datasheet HTML 5Page - EPCOS B82432T1124K000 Datasheet HTML 6Page - EPCOS B82432T1124K000 Datasheet HTML 7Page - EPCOS B82432T1124K000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
10/12
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
1) For Ni-barrier-plated terminals replace the last two digits “00” by “50”.
Rated inductance LR
Measured with impedance analyzer Agilent 4294A
at frequency fL, 0.1 V, +20 °C
Q factor Qmin
Measured with impedance analyzer Agilent 4294A
at frequency fQ, +20 °C
Rated temperature TR
+85
qC
Rated current IR
Maximum permissible DC with inductance decrease
'L/L
0 d 10% and temperature increase
of
d 40 K at rated temperature
Self-resonance frequency fres,min
Measured with impedance analyzer Agilent E4991A, +20 °C
DC resistance Rmax
Measured at +20
qC
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: +(245
r5) °C, (5 r0.3) s
Wetting of soldering area
t 90%
(based on IEC 60068-2-58)
Resistance to soldering heat
+260
qC, 40 s (as referenced in JEDEC J-STD 020D)
Climatic category
55/150/56 (to IEC 60068-1)
Storage conditions
Mounted: –55 °C … +150 °C
Packaged: –25 °C … +40 °C,
d 75% RH
Weight
Approx. 130 mg
LR
PH
Tolerance
Qmin
fL; fQ
MHz
IR
mA
Rmax
:
fres,min
MHz
Ordering code1)
1.0
r10% K
10
7.96
1300
0.08
110
B82432T1102K000
1.2
10
7.96
1200
0.10
100
B82432T1122K000
1.5
10
7.96
1150
0.11
80
B82432T1152K000
1.8
10
7.96
1050
0.13
70
B82432T1182K000
2.2
10
7.96
1000
0.15
60
B82432T1222K000
2.7
10
7.96
950
0.17
55
B82432T1272K000
3.3
10
7.96
900
0.19
50
B82432T1332K000
3.9
10
7.96
850
0.20
45
B82432T1392K000
4.7
10
7.96
800
0.22
40
B82432T1472K000
5.6
10
7.96
750
0.26
38
B82432T1562K000
6.8
10
7.96
700
0.30
36
B82432T1682K000
8.2
10
7.96
670
0.33
30
B82432T1822K000
^
B82432T
SMT inductors, SIMID series
SIMID 1812-T


Similar Part No. - B82432T1124K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432T1124K000 EPCOS-B82432T1124K000 Datasheet
150Kb / 8P
   SMT inductors
B82432T1124K000 EPCOS-B82432T1124K000 Datasheet
150Kb / 8P
   SMT inductors
More results

Similar Description - B82432T1124K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442H EPCOS-B82442H_12 Datasheet
484Kb / 9P
   SMT inductors SIMID series, SIMID 2220-H Upright ferrite drum core
B82422H EPCOS-B82422H_12 Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H Ferrite drum core
B82432T EPCOS-B82432T Datasheet
127Kb / 8P
   SIMID series, SIMID 1812-T
B82432C EPCOS-B82432C Datasheet
128Kb / 8P
   SIMID series, SIMID 1812-C
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com