Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6350-2.8T92RLG Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM6350-2.8T92RLG
Description  450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6350-2.8T92RLG Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM6350-2.8T92RLG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6350-2.8T92RLG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6350-2.8T92RLG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6350-2.8T92RLG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6350-2.8T92RLG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6350-2.8T92RLG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6350-2.8T92RLG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6350-2.8T92RLG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6350-2.8T92RLG Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
GM6350
450mA ULTRA LOW DROPOUT
POSITIVE VOLTAGE REGULATOR
Absolute Maximum Ratings
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
6.5
V
Output Current
IOUT
450
mA
Output Voltage
VOUT
VSS – 0.3 to VIN +0.3
V
SOT-23
150
SOT-89
500
Continuous Total Power
Dissipation
TO-92
PD
300
mW
Operating Ambient Temperature
TA
- 40 to 125
Storage Temperature
Tstg
- 65 to 150
Lead Temperature (Soldering, 10 sec)
+ 260
Block Diagram
VOUT
Voltage
Reference
Current
Limit
VIN
VSS


Similar Part No. - GM6350-2.8T92RLG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6350-2.5ST89R GAMMA-GM6350-2.5ST89R Datasheet
161Kb / 5P
   300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
More results

Similar Description - GM6350-2.8T92RLG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6353 GAMMA-GM6353 Datasheet
69Kb / 7P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
ADDtek Corp
AMC7638 ADDTEK-AMC7638 Datasheet
240Kb / 8P
   450mA LOW DROPOUT REGULATOR
MAY 2007
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com