Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82732F2701B001 Datasheet(PDF) 4 Page - EPCOS

Part # B82732F2701B001
Description  Power line chokes Current-compensated frame core double chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82732F2701B001 Datasheet(HTML) 4 Page - EPCOS

  B82732F2701B001 Datasheet HTML 1Page - EPCOS B82732F2701B001 Datasheet HTML 2Page - EPCOS B82732F2701B001 Datasheet HTML 3Page - EPCOS B82732F2701B001 Datasheet HTML 4Page - EPCOS B82732F2701B001 Datasheet HTML 5Page - EPCOS B82732F2701B001 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
u = approval granted
IR
A
LR
mH
Lstray,typ
PH
Rtyp
m
:
Ordering code
Approvals
0.45
100
1930
2930
B82732F2451B001
uu
0.6
68
1340
1970
B82732F2601B001
uu
0.7
47
920
1260
B82732F2701B001
uu
0.8
39
760
1100
B82732F2801B001
uu
0.9
27
520
770
B82732F2901B001
uu
1.3
15
290
430
B82732F2132B001
uu
1.6
10
200
290
B82732F2162B001
uu
Impedance |Z| versus frequency f
measured with windings in parallel at +20 °C
typical values
Current derating Iop/IR
versus ambient temperature TA
|Z|
f
IND0565-V
2
10
3
10
10 4
10 5
10 6
10 7
4
10
10 5
10 6
10 7
Hz
Ω
F2162B001
F2132B001
F2901B001
F2451B001
F2601B001
F2701B001
F2801B001
B82732
B82732F
Power line chokes
Current-compensated frame core double chokes


Similar Part No. - B82732F2701B001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82732F2701B001 EPCOS-B82732F2701B001 Datasheet
112Kb / 6P
   Power line chokes
logo
TDK Electronics
B82732F2701B001 TDK-B82732F2701B001 Datasheet
647Kb / 6P
   Current-compensated frame core double chokes
More results

Similar Description - B82732F2701B001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82733F EPCOS-B82733F_13 Datasheet
635Kb / 7P
   Power line chokes Current-compensated frame core double chokes
logo
TDK Electronics
B82732F2132B001 TDK-B82732F2132B001 Datasheet
647Kb / 6P
   Current-compensated frame core double chokes
logo
EPCOS
B82733F EPCOS-B82733F Datasheet
677Kb / 6P
   Current-compensated frame core double chokes
logo
TDK Electronics
B82733F2112B001 TDK-B82733F2112B001 Datasheet
681Kb / 7P
   Current-compensated frame core double chokes
B82720A2102N040 TDK-B82720A2102N040 Datasheet
728Kb / 6P
   Power line chokes Current-compensated ring core double chokes
B82720S2102N040 TDK-B82720S2102N040 Datasheet
812Kb / 8P
   Power line chokes Current-compensated SMD ring core double chokes
logo
EPCOS
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82791-H EPCOS-B82791-H Datasheet
111Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720-A EPCOS-B82720-A Datasheet
61Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82726-S EPCOS-B82726-S Datasheet
65Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com