Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6350-2.85T92RLG Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM6350-2.85T92RLG
Description  450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6350-2.85T92RLG Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

  GM6350-2.85T92RLG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6350-2.85T92RLG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6350-2.85T92RLG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6350-2.85T92RLG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6350-2.85T92RLG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6350-2.85T92RLG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6350-2.85T92RLG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6350-2.85T92RLG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6350-2.85T92RLG Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
GM6350
450mA ULTRA LOW DROPOUT
POSITIVE VOLTAGE REGULATOR
Electrical Characteristics (T
A = 25°C, VIN = VOUT + 0.5V unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
IOUT = 1mA
-1.4
+1.4
Output Voltage Accuracy
VOUT
IOUT = 0.1mA to 300mA
-3.0
+2.0
%
Line Regulation
∆V
OI
IOUT = 1mA,
VOUT + 0.1V < VIN < 6.5V, Fig. 1
0.1
0.3
%/V
Load Regulation
∆V
OL
VIN = 6V,
0.1mA
< I
OUT < 300mA
COUT = 1µF, Fig. 2
0.005
0.04
%/mA
Maximum Output Current
VIN = 5V,
VOUT > 0.96 X VRATING
300
500
mA
Output Current Limit
ICL
400
mA
Ground Pin Current
IGND
IOUT = 0.1mA to 300mA, Fig. 3
15
30
µA
IOUT = 100mA
100
180
VOUT > 2.5V
IOUT = 300mA
300
550
IOUT = 100mA
150
300
2.0V
<V
OUT < 2.5V
IOUT = 300mA
450
800
IOUT = 100mA
200
400
Dropout
Voltage
VOUT < 2.0V
∆V
IOUT = 300mA
600
1100
mV
Power Supply Rejection
Ration
PSRR
10kHz
60
dB
Note: Load Regulation is measured using pulse techniques with duty cycle < 5%
GM6350-x.x
100mA
VIN
VOUT
VOUT +0.5V
IGND
Figure 1. Line Regulation Test Circuit
Figure 2. Load Regulation Test Circuit
Figure 3. Ground Current Test Circuit
GM6350-x.x
1mA
1µF
6.5V
VOUT + 0.1V
VIN
VOUT
GM6350-x.
x
1µF
1µF
VIN
VOUT
300mA
0.1mA
6V


Similar Part No. - GM6350-2.85T92RLG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6350-2.5ST89R GAMMA-GM6350-2.5ST89R Datasheet
161Kb / 5P
   300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
More results

Similar Description - GM6350-2.85T92RLG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6353 GAMMA-GM6353 Datasheet
69Kb / 7P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
ADDtek Corp
AMC7638 ADDTEK-AMC7638 Datasheet
240Kb / 8P
   450mA LOW DROPOUT REGULATOR
MAY 2007
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com