Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6603-5.0TC3T Datasheet(PDF) 10 Page - Gamma Microelectronics Inc.

Part # GM6603-5.0TC3T
Description  3.0A LOW DROPOUT PRECISION REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6603-5.0TC3T Datasheet(HTML) 10 Page - Gamma Microelectronics Inc.

Back Button GM6603-5.0TC3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6603-5.0TC3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6603-5.0TC3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6603-5.0TC3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6603-5.0TC3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6603-5.0TC3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6603-5.0TC3T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6603-5.0TC3T Datasheet HTML 11Page - Gamma Microelectronics Inc. GM6603-5.0TC3T Datasheet HTML 12Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
GM6603
3.0A LOW DROPOUT
PRECISION REGULATOR
Unit: mm
2 - R 0.3
10.00 ± 0.20
8.0
7.0
0.9
7.0
4.50 ± 0.20
1.30
+0.1
-0.05
3-R0.2
2.40 ± 0.20
9.90 ± 0.20
3.60 ± 0.20
2.80 ± 0.10
1.30 ± 0.10
2.54 TYP
(2.54 ± 0.20)
8.70
1.70
1.50 DP0.20
3.70 ± 0.20
4.60
8.40
1.46
1.00
1.27 ± 0.10
45°
3.00
0.80 ± 0.10
1.52 ± 0.10
0.50
+0.1
-0.05
Package Outline Dimensions
– TO263
0
. 0
4
5
- 0
. 0
5
5
( 1
. 1
4
3
- 1
. 3
9
7
)
0
. 0
5
0
+
/ - 0
. 0
1
2
( 1
. 2
7
0
+
/ - 0
. 3
0
5
)
0
. 0
9
0
- 0
. 1
1
0
( 2
. 2
8
6
- 2
. 7
9
4
)
0
. 1
4
3
+
0
. 0
1
2
0
. 1
4
3
- 0
. 0
0
2
( 3
. 6
3
2
+
0
3
0
5
)
( 3
. 3
6
2
- 0
. 5
0
8
)
0
. 0
5
0
( 1
. 2
7
0
)
0
. 0
1
3
- 0
. 0
2
3
( 0
. 3
3
0
- 0
. 5
8
4
)
T
Y
P
0
. 0
5
9
( 1
. 4
9
9
)
0
. 0
2
0
- 0
. 0
3
9
( 0
. 5
1
0
- 0
. 9
9
0
)
0
. 3
3
0
- 0
. 3
7
0
( 8
. 3
8
2
- 9
. 3
9
8
)
0
. 0
6
0
( 1
. 5
2
4
)
T
Y
P
0
. 3
9
0
- 0
. 4
1
5
( 9
. 9
0
6
- 1
0
. 5
4
1
)
T
Y
P
15
0
. 1
0
5
- 0
. 1
8
0
( 4
. 1
9
1
- 4
. 5
7
2
)
Package Outline Dimensions
– TO220


Similar Part No. - GM6603-5.0TC3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603-5.0TC3T ETC2-GM6603-5.0TC3T Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603-5.0TC3T GAMMA-GM6603-5.0TC3T Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603-5.0TC3T GAMMA-GM6603-5.0TC3T Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6603-5.0TC3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
Unisonic Technologies
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Calogic, LLC
CLM2830 CALOGIC-CLM2830 Datasheet
40Kb / 4P
   3.0A Low Dropout Voltage Regulator Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com