Electronic Components Datasheet Search |
|
B82733F2901B001 Datasheet(PDF) 3 Page - EPCOS |
|
B82733F2901B001 Datasheet(HTML) 3 Page - EPCOS |
3 / 7 page 3 07/12 Please read Cautions and warnings and Important notes at the end of this document. Dimensional drawing and layout recommendation Technical data and measuring conditions Rated voltage VR 250 V AC (50/60 Hz) Test voltage Vtest 2000 V AC, 2 s (line/line) Rated temperature TR +40 qC Rated current IR Referred to 50 Hz and rated temperature Rated inductance LR Measured with Agilent 4284A at 10 kHz, 0.1 mA, +20 °C. Inductance is specified per winding. Inductance tolerance –30/+50% at +20 °C Inductance decrease 'L/L 0 <10% at DC magnetic bias with IR, +20 °C Stray inductance Lstray,typ Measured with Agilent 4284A at 10 kHz, 5 mA, +20 °C, typical values DC resistance Rtyp Measured at +20 °C; typical values, specified per winding Solderability (lead-free) Sn96.5Ag3.0Cu0.5: +(245 r5) °C, (3 r0.3) s Wetting of soldering area t 95% (to IEC 60068-2-20, test Ta) Resistance to soldering heat (wave soldering) +(260 r5) °C, (10 r1) s (to IEC 60068-2-20, test Tb) Climatic category 40/125/56 (to IEC 60068-1) Storage conditions (packaged) –25 °C … +40 °C, d 75% RH Weight Approx. 18 g Approvals EN 60938-2, UL 1283 Dimensions in mm B82733F Power line chokes Current-compensated frame core double chokes |
Similar Part No. - B82733F2901B001 |
|
Similar Description - B82733F2901B001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |