Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7130HV-3.3TA5TG Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM7130HV-3.3TA5TG
Description  3A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7130HV-3.3TA5TG Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM7130HV-3.3TA5TG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7130HV-3.3TA5TG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7130HV-3.3TA5TG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7130HV-3.3TA5TG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7130HV-3.3TA5TG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7130HV-3.3TA5TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7130HV-3.3TA5TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7130HV-3.3TA5TG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM7130HV-3.3TA5TG Datasheet HTML 10Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
GM7130HV
3A STEP DOWN VOLTAGE SWITCHING
REGULATORS
Application Hints
Input Capacitors (CIN)
The regulator input pin must be by-passed with at least a 100
μF electrolytic capacitor to maintain
stability. The capacitor
’s leads must be kept short, and located near GM1730HV. If the operating
temperature range includes temperature below -25°C, the input capacitor value may need to be larger.
With most electrolytic capacitors, the capacitance value decreases and the ESR increase with lower
temperature and age. It is suggested to parallel a ceramic or solid tantalum capacitor to increase the
stability at cold temperature.
It is n should be used for best results. When using the Adjustable
version, place the programming resistors as close as possible to GM7130HV, to keep the sensitive
feedback wiring short.
Inductor Selection
All switching regulators have two basic modes of operation: continuous and discontinuous. The
difference between the two types relates to the inductor current, whether it is flowing continuously, or if
it drops to zero for a period of time in the normal switching cycle. Each mode has distinctively different
operating characteristics, which can affect the regulator performance and requirements. The
GM7130HV can be used for both continuous and discontinuous modes of operation.
Inductors are available in different styles such as pot core, toriod, E-frame, bobbin core, etc., as well
as different core materials, such as ferrites and powdered iron. The least expensive, the bobbin core
type, consists of wire wrapped on a ferrite rod core. This type of construction makes for an inexpensive
inductor, but since the magnetic flux is not completely contained within the core, it generates more
electromagnetic interference (EMI). This EMI can cause problems in sensitive circuits, or can give
incorrect scope readings because of induced voltages in the scope probe.
An inductor should not be operated beyond its maximum rated current because it may saturate. When
an inductor begins to saturate, the inductance decreases rapidly and the inductor begins to look mainly
a resistor (the DC resistance of the winding). This will cause the switch current to rise very rapidly.
Different inductor types have different saturation characteristics, and this should be kept in mind when
selecting an inductor.
The inductor manufacturer’s data sheets include current and energy limits to
avoid inductor saturation.


Similar Part No. - GM7130HV-3.3TA5TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130HV-3.3TA5TG GAMMA-GM7130HV-3.3TA5TG Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV-3.3TA5TG LEIDITECH-GM7130HV-3.3TA5TG Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7130HV-3.3TA5TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7130 ETC1-GM7130 Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com