Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82442H1125000 Datasheet(PDF) 5 Page - EPCOS

Part # B82442H1125000
Description  SMT inductors SIMID series, SIMID 2220-H Upright ferrite drum core
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442H1125000 Datasheet(HTML) 5 Page - EPCOS

  B82442H1125000 Datasheet HTML 1Page - EPCOS B82442H1125000 Datasheet HTML 2Page - EPCOS B82442H1125000 Datasheet HTML 3Page - EPCOS B82442H1125000 Datasheet HTML 4Page - EPCOS B82442H1125000 Datasheet HTML 5Page - EPCOS B82442H1125000 Datasheet HTML 6Page - EPCOS B82442H1125000 Datasheet HTML 7Page - EPCOS B82442H1125000 Datasheet HTML 8Page - EPCOS B82442H1125000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
10/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Closer tolerances on request.
Higher currents possible at temperatures <TR on request.
Sample kit available. Ordering code: B82442X001
For more information refer to chapter “Sample kits”.
1) Replace the + by the code letter for the required inductance tolerance.
2) For Ni-barrier-plated terminals replace the last two digits “00” by “50”.
LR
PH
Tolerance
Qmin
fL; fQ
MHz
IR
mA
Rmax
:
fres,min
MHz
Ordering code1)2)
1.0
r10% K
10
7.96
2500
0.024
95
B82442H1102K000
1.2
10
7.96
2350
0.028
70
B82442H1122K000
1.5
10
7.96
2200
0.032
55
B82442H1152K000
1.8
10
7.96
2000
0.040
47
B82442H1182K000
2.2
10
7.96
1800
0.048
42
B82442H1222K000
2.7
10
7.96
1700
0.056
37
B82442H1272K000
3.3
10
7.96
1550
0.064
34
B82442H1332K000
3.9
10
7.96
1450
0.072
32
B82442H1392K000
4.7
10
7.96
1350
0.088
29
B82442H1472K000
5.6
10
7.96
1250
0.104
26
B82442H1562K000
6.8
10
7.96
1130
0.120
24
B82442H1682K000
8.2
10
7.96
1050
0.144
22
B82442H1822K000
10
10
2.52
1000
0.168
19
B82442H1103K000
12
10
2.52
880
0.20
17
B82442H1123K000
15
10
2.52
810
0.24
16
B82442H1153K000
18
10
2.52
740
0.29
14
B82442H1183K000
22
10
2.52
670
0.35
13
B82442H1223K000
27
10
2.52
620
0.42
11.5
B82442H1273K000
33
r5% J
r10% K
10
2.52
560
0.50
10.5
B82442H1333+000
39
10
2.52
520
0.58
9.5
B82442H1393+000
47
10
2.52
480
0.68
8.5
B82442H1473+000
56
10
2.52
430
0.80
7.8
B82442H1563+000
68
10
2.52
400
0.96
7.0
B82442H1683+000
82
10
2.52
380
1.12
6.4
B82442H1823+000
100
20
0.796
350
1.28
6.0
B82442H1104+000
120
20
0.796
320
1.52
5.4
B82442H1124+000
150
20
0.796
290
1.76
4.8
B82442H1154+000
^
^
^
B82442H
SMT inductors, SIMID series
SIMID 2220-H


Similar Part No. - B82442H1125000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442H1125+000 EPCOS-B82442H1125+000 Datasheet
163Kb / 9P
   SMT inductors
B82442H1125K000 EPCOS-B82442H1125K000 Datasheet
168Kb / 9P
   SMT inductors
More results

Similar Description - B82442H1125000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432T EPCOS-B82432T_12 Datasheet
476Kb / 8P
   SMT inductors SIMID series, SIMID 1812-T Upright ferrite drum core
B82422H EPCOS-B82422H_12 Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H Ferrite drum core
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com