Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82801A Datasheet(PDF) 2 Page - EPCOS

Part # B82801A
Description  SMT current sense transformers EE 4.2 core
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82801A Datasheet(HTML) 2 Page - EPCOS

  B82801A_12 Datasheet HTML 1Page - EPCOS B82801A_12 Datasheet HTML 2Page - EPCOS B82801A_12 Datasheet HTML 3Page - EPCOS B82801A_12 Datasheet HTML 4Page - EPCOS B82801A_12 Datasheet HTML 5Page - EPCOS B82801A_12 Datasheet HTML 6Page - EPCOS B82801A_12 Datasheet HTML 7Page - EPCOS B82801A_12 Datasheet HTML 8Page - EPCOS B82801A_12 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
12/12
Please read Cautions and warnings and
Important notes at the end of this document.
Applications
Switching power supplies
Feedback control
Overload sensing
Load drop/shut down detection
Features
Very low DC resistance
Different turns ratios
Very small package
RoHS compatible
Marking
No marking on component
Delivery mode and packing units
12 mm blister tape, 178 mm
‡ reel
Carton packaging
Packing units: 600 pcs./reel;
3000 pcs./carton
B82801A
SMT current sense transformers
EE 4.2
SMT current sensor transformers


Similar Part No. - B82801A_12

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82801A0134A040 EPCOS-B82801A0134A040 Datasheet
128Kb / 5P
   SMT current sense transformers
B82801A0134A040 EPCOS-B82801A0134A040 Datasheet
508Kb / 9P
   SMT current sense transformers
B82801A0135A125 EPCOS-B82801A0135A125 Datasheet
128Kb / 5P
   SMT current sense transformers
B82801A0135A125 EPCOS-B82801A0135A125 Datasheet
508Kb / 9P
   SMT current sense transformers
B82801A0185A150 EPCOS-B82801A0185A150 Datasheet
508Kb / 9P
   SMT current sense transformers
More results

Similar Description - B82801A_12

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P8208T PULSE-P8208T Datasheet
82Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PB0027 PULSE-PB0027 Datasheet
112Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
logo
TDK Electronics
B82801C TDK-B82801C Datasheet
511Kb / 2P
   SMT Current Sense Transformers
logo
Pulse A Technitrol Comp...
PA1005.XXXNL PULSE-PA1005.XXXNL Datasheet
300Kb / 2P
   SMT Current Sense Transformers
P8202NL PULSE-P8202NL Datasheet
80Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
P822X PULSE-P822X Datasheet
63Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PE-68280NLT PULSE-PE-68280NLT Datasheet
156Kb / 2P
   SMT CURRENT SENSE TRANSFORMERS
PA0368.100NL PULSE-PA0368.100NL Datasheet
146Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PE-68XXX PULSE-PE-68XXX Datasheet
119Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
P8202NLT PULSE-P8202NLT Datasheet
246Kb / 2P
   smt Current Sense Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com