Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82801A Datasheet(PDF) 4 Page - EPCOS

Part # B82801A
Description  SMT current sense transformers EE 4.2 core
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82801A Datasheet(HTML) 4 Page - EPCOS

  B82801A Datasheet HTML 1Page - EPCOS B82801A Datasheet HTML 2Page - EPCOS B82801A Datasheet HTML 3Page - EPCOS B82801A Datasheet HTML 4Page - EPCOS B82801A Datasheet HTML 5Page - EPCOS B82801A Datasheet HTML 6Page - EPCOS B82801A Datasheet HTML 7Page - EPCOS B82801A Datasheet HTML 8Page - EPCOS B82801A Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
12/12
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Frequency range
50 kHz ... 1 MHz
Hi-pot
500 V AC, 2 s (winding to winding)
Inductance L (1-2)
100 kHz, 100 mV, @ +25 °C
DC resistance Rmax
Measured at +25 °C
Sensed current
The max. primary current of 7 A causes approx. +40 °C
temperature rise
Solderability
t 99.9 Sn, lead-free. Or
Sn96.5Ag3.0Cu0.5: +(245
r5 °C, (3 r03) s
Wetting of soldering area
t 95%
(to IEC 60068-2-58)
Resistance to soldering heat
+(260
r 5) °C, (10 r 1) s to IEC 60068-2-58
Storage conditions
–20 °C … +40 °C,
d 75% RH
Test voltage Vtest
50 Hz, 1 s
Operating temperature range
40 °C … +125 °C
Weight
Approx. 0.15 g
B82801A
SMT current sense transformers
EE 4.2


Similar Part No. - B82801A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82801A EPCOS-B82801A Datasheet
128Kb / 5P
   SMT current sense transformers
logo
TDK Electronics
B82801A TDK-B82801A Datasheet
1Mb / 3P
   SMT Current Sense Transformers
logo
EPCOS
B82801A0134A040 EPCOS-B82801A0134A040 Datasheet
128Kb / 5P
   SMT current sense transformers
B82801A0134A040 EPCOS-B82801A0134A040 Datasheet
508Kb / 9P
   SMT current sense transformers
B82801A0135A125 EPCOS-B82801A0135A125 Datasheet
128Kb / 5P
   SMT current sense transformers
More results

Similar Description - B82801A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P8208T PULSE-P8208T Datasheet
82Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PB0027 PULSE-PB0027 Datasheet
112Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
logo
TDK Electronics
B82801C TDK-B82801C Datasheet
511Kb / 2P
   SMT Current Sense Transformers
logo
Pulse A Technitrol Comp...
PA1005.XXXNL PULSE-PA1005.XXXNL Datasheet
300Kb / 2P
   SMT Current Sense Transformers
P8202NL PULSE-P8202NL Datasheet
80Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
P822X PULSE-P822X Datasheet
63Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PE-68280NLT PULSE-PE-68280NLT Datasheet
156Kb / 2P
   SMT CURRENT SENSE TRANSFORMERS
PA0368.100NL PULSE-PA0368.100NL Datasheet
146Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PE-68XXX PULSE-PE-68XXX Datasheet
119Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
P8202NLT PULSE-P8202NLT Datasheet
246Kb / 2P
   smt Current Sense Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com